Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM320DGGR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDM320DGGR
Description  HIGH-SPEED DIFFERENTIAL 8-BIT REGISTERED TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM320DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDM320DGGR Datasheet HTML 1Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 2Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 3Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 4Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 5Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 6Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDM320DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SN65LVDM320
SLLS462 – AUGUST 2001
HIGH-SPEED DIFFERENTIAL 8-BIT REGISTERED TRANSCEIVER
1
www.ti.com
FEATURES
D 8-Bit Bidirectional Data Storage Register With
Full Parallel Access
D Parallel Transfer Rates
– Buffer Mode: Up to 475 Megatransfers
– Flip-Flop Mode: Up to 300 Megatransfers
– Latch Mode: Up to 300 Megatransfers
D Operates With a Single 3.3-V Supply
D Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV Across a
50-
Ω Load
D Bus and Logic Loopback Capability
D Very Low Radiation Emission
D Low Skew Performance
– Pulse Skew Less Than 100 ps
– Output Skew Less Than 320 ps
– Part-to-Part Skew Less Than 1 ns
D Open-Circuit Differential Receiver Fail Safe
Assures a Low-Level Output
D Reset at Power Up
D 12-kV Bus-Pin ESD Protection
D Bus Pins Remain High-Impedance When
Disabled or With VCC Below 1.5 V for
Power-Up/Down Glitch-Free Performance and
Hot Plugging
D 5-V Tolerant LVCMOS Inputs
APPLICATIONS
D Telecom Switching
D Printers and Copiers
D Audio Mixing Consoles
D Automated Test Equipment
logic diagram
DQ
CQ
DQ
CQ
LPBK
NODE
D
Q
C
Q
D
Q
C
Q
One-of-Eight Channels
OEB
OMODE1
OMODE2
CLK/LEAB
DA
IMODE1
IMODE2
CLK/LEBA
RA
OEA
LPBK
ENR
BY
BZ
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
†Parallel data transfer through all channels simultaneously as defined by TIA/EIA–644 with tr of tf less than 30%of the unit interval.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN65LVDM320DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31D TI-SN65LVDM31D Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31DG4 TI1-SN65LVDM31DG4 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDM320DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com