Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGB1C226K Datasheet(PDF) 7 Page - Rohm

Part # TCFGB1C226K
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1C226K Datasheet(HTML) 7 Page - Rohm

Back Button TCFGB1C226K Datasheet HTML 3Page - Rohm TCFGB1C226K Datasheet HTML 4Page - Rohm TCFGB1C226K Datasheet HTML 5Page - Rohm TCFGB1C226K Datasheet HTML 6Page - Rohm TCFGB1C226K Datasheet HTML 7Page - Rohm TCFGB1C226K Datasheet HTML 8Page - Rohm TCFGB1C226K Datasheet HTML 9Page - Rohm TCFGB1C226K Datasheet HTML 10Page - Rohm TCFGB1C226K Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TCFG series
Tantalum capacitors
7/15
Rated
voltage
at 85
°C
(V)
Derated
voltage
at 125
°C
(V)
Surge
voltage
at 85
°C
(V)
Capacitance
(
µF)
Tolerance
(%)
Leakage
current
at 25
°C
1WV.60s
(
µA)
DF
120Hz
25
°C
(%)
Case
code
Part No.
TCF GP 0G 685
TCF GA 0G 685
4
2.5
5.2
6.8
±20,10
0.5
6.8
0.5
6
TCF GP 0G 106
TCF GA 0G 106
4
2.5
5.2
10
±20,10
0.5
10
0.5
10
TCF GP 0G 475
TCF GA 0G 475
4
2.5
5.2
4.7
±20,10
0.5
4.7
0.5
8
TCF GP 0G 225
4
2.5
5.2
2.2
±20,10
0.5
8
P
P
P
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
A
A
A
A
A
A
A
A
A
A
P
P
P
P
P
P
P
P
P
TCF GP 0G 335
4
2.5
5.2
3.3
±20,10
0.5
8
TCF GP 0G 156
4
2.5
5.2
15
±20,10
0.6
6
TCF GA 0G 156
TCF GB 0G 156
4
2.5
5.2
15
±20,10
0.6
15
0.6
10
4
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
2.5
5.2
22
±20,10
0.9
6
TCF GA 0G 226
TCF GB 0G 226
4
2.5
5.2
22
±20,10
0.9
10
TCF GA 0G 336
TCF GB 0G 336
4
2.5
5.2
33
±20,10
1.3
33
1.3
6
TCF GB 0G 476
TCF GA 0G 476
TCF GB 0G 686
TCF GB 0G 107
4
4
4
4
4
4
4
4
4
2.5
5.2
47
±20,10
1.9
47
1.9
68
2.7
100
4.0
6
TCF GP 0J 155
6.3
4
8
1.5
±20,10
0.5
6
TCF GP 0J 225
6.3
4
8
2.2
±20,10
0.5
6
TCF GA 0J 335
TCF GP 0J 335
6.3
4
8
3.3
±20,10
0.5
3.3
0.5
8
TCF GA 0J 475
TCF GP 0J 475
6.3
4
8
4.7
±20,10
0.5
4.7
0.5
6
TCF GA 0J 685
TCF GP 0J 685
6.3
4
8
6.8
±20,10
0.5
6.8
0.5
8
6.3
4
8
±20,10
6
6.3
4
8
±20,10
8
TCF GB 0J 106
TCF GA 0J 106
TCF GP 0J 106
6.3
4
8
48
48
48
48
48
48
48
48
10
±20,10
0.6
10
0.6
10
0.6
8
TCF GB 0J 156
TCF GA 0J 156
6.3
4
8
15
±20,10
0.9
15
0.9
8
6.3
4
8
22
±20,10
1.4
22
1.4
8
8
6
8
6
10
6
10
6
6
6
6
6
6
8
6
6
8
TCF GB 0J 686
TCF GB 0J 476
TCF GB 0J 336
TCF GA 0J 336
TCF GB 0J 226
TCF GA 0J 226
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
48
33
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
2.1
47
3.0
68
4.3
33
2.1
Tolerance
(M :
±20%, K : ±10%)
(P : 2012 A : 3216 B : 3528)


Similar Part No. - TCFGB1C226K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1C226K8R ROHM-TCFGB1C226K8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB1C226K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com