Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58641 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA58641
Description  High performance mixer FM IF system with high-speed RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58641 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA58641 Datasheet HTML 1Page - NXP Semiconductors SA58641 Datasheet HTML 2Page - NXP Semiconductors SA58641 Datasheet HTML 3Page - NXP Semiconductors SA58641 Datasheet HTML 4Page - NXP Semiconductors SA58641 Datasheet HTML 5Page - NXP Semiconductors SA58641 Datasheet HTML 6Page - NXP Semiconductors SA58641 Datasheet HTML 7Page - NXP Semiconductors SA58641 Datasheet HTML 8Page - NXP Semiconductors SA58641 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Objective data
SA58641
High performance mixer FM IF system
with high-speed RSSI
2004 Dec 16
4
AC ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; VCC = +5 V, unless otherwise stated. RF frequency = 240.05 MHz + 14.5 dBV RF input step-up; IF frequency = 10.7 MHz;
RF level = –45 dBm; FM modulation = 1 kHz with
±125 kHz peak deviation. Audio output with C-message weighted filter and de-emphasis
capacitor. Test circuit Figure 1. The parameters listed below are tested using automatic test equipment to assure consistent electrical
characteristics. The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the
listed parameters.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Mixer/Osc section (ext LO = 160mVRMS)
fIN
Input signal frequency
500
MHz
fOSC
External oscillator (buffer)
500
MHz
Noise figure at 240 MHz
12
dB
Third-order input intercept point
Matched f1=240.05 MHz; f2=240.35 MHz
–16
dBm
Conversion power gain
Matched 14.5 dBV step-up
8
11
dB
RF input resistance
Single-ended input
700
RF input capacitance
3.5
pF
Mixer output resistance
(Pin 20)
330
IF section
IF amp gain
330
Ω load
38
dB
Limiter gain
330
Ω load
54
dB
Input limiting –3dB
Test at Pin 18
–105
dBm
AM rejection
80% AM 1 kHz
50
dB
Data level
RLOAD = 100 kΩ
120
130
mVRMS
3 dB data bandwidth
600
700
kHz
SINAD sensitivity
RF level = –111 dBm
16
dB
THD
Total harmonic distortion
–43
–38
dB
S/N
Signal-to-noise ratio
No modulation for noise
60
dB
IF level = –90 dBm
0.6
1.0
V
IF RSSI output with buffer
IF level = –45 dBm
0.2
1.2
1.8
V
IF level = –10 dBm
0.8
1.6
2.3
V
IF RSSI output rise time
IF frequency = 10.7 MHz
(10kHz pulse, no 10.7MHz filter)
RF level = –56 dBm
1.2
µs
(no RSSI bypass capacitor)
RF level = –28 dBm
1.1
µs
IF RSSI output fall time
IF frequency = 10.7 MHz
(10 kHz pulse, no 10.7 MHz filter)
RF level = –56 dBm
2.0
µs
(no RSSI bypass capacitor)
RF level = –28 dBm
7.3
µs
RSSI range
70
dB
RSSI accuracy
±2.0
dB
IF input impedance
330
IF output impedance
330
Limiter input impedance
330
Limiter output impedance
300
Limiter output level with no load
130
mVRMS
RF/IF section (int LO)
System RSSI output
RF level = –10 dBm
1.4
V
System SINAD
RF level = –95 dBm
12
dB


Similar Part No. - SA58641

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
   Excellent overload capability
Rev. 01-20 November 2006
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
SA58646BD NXP-SA58646BD Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results

Similar Description - SA58641

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com