Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12040WAH Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAH
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12040WAH Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12040WAH Datasheet HTML 4Page - Texas Instruments PTH12040WAH Datasheet HTML 5Page - Texas Instruments PTH12040WAH Datasheet HTML 6Page - Texas Instruments PTH12040WAH Datasheet HTML 7Page - Texas Instruments PTH12040WAH Datasheet HTML 8Page - Texas Instruments PTH12040WAH Datasheet HTML 9Page - Texas Instruments PTH12040WAH Datasheet HTML 10Page - Texas Instruments PTH12040WAH Datasheet HTML 11Page - Texas Instruments PTH12040WAH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Capacitor Recommendations for the PTH12040W Power Module
Input Capacitor
Output Capacitors
Ceramic Capacitors
PTH12040W
SLTS237A–DECEMBER 2004–REVISED OCTOBER 2005
The PTH12040W is a state-of-the-art multi-phase power converter topology that uses three parallel switching and
filter inductor paths between the common input and output filter capacitors. The three paths share the load
current, operate at the same frequency, and are evenly displaced in phase.
With multiple switching paths the transient output current capability is significantly increased. This reduces the
amount of external output capacitance required to support a load transient. As a further benefit, the ripple
current, as seen by the input and output capacitors, is reduced in magnitude and effectively tripled in frequency.
The improved transient response of a multi-phase converter places a bigger burden on the transient capability of
the input source. The size and value of the input capacitor is therefore determined by this converter’s transient
performance capability. The minimum amount of input capacitance required is 560 µF, with an RMS ripple
current rating of 300 mA. This minimum value assumes that the converter is supplied with a responsive, low
inductance input source. This source should have ample capacitive decoupling, and be distributed to the
converter via PCB power and ground planes. For high-performance applications, or wherever the transient
performance of the input source is limited, 1000 µF of input capacitance is recommended.
Ripple current, less than 100 mΩ of equivalent series resistance (ESR), and temperature are the main
considerations when selecting input capacitors. The ripple current reflected from the input of the PTH12040W
module is moderate to low. Therefore any good quality, computer-grade electrolytic capacitor, of either value
suggested, has an adequate ripple current rating.
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2 × (maximum dc voltage + ac ripple). This is standard practice to ensure reliability. No
tantalum capacitors were found with a sufficient voltage rating to meet this requirement. When the operating
temperature is below 0°C, the ESR of aluminum electrolytic capacitors increases. For these applications,
Os-Con, polyaluminum, and polymer-tantalum types should be considered. Adding one or two ceramic capacitors
to the input reduces high-frequency reflected ripple current.
The PTH12040W requires a minimum output capacitance of 660 µF (or 2 × 330 µF), with an ESR of 15 mΩ to
40 mΩ. This is necessary for the stable operation of the regulator. Additional capacitance can be added to
improve the module's performance to load transients. High quality computer-grade electrolytic capacitors are
recommended. Aluminum electrolytic capacitors provide adequate decoupling over the frequency range, 2 kHz to
150 kHz, and are suitable when ambient temperatures are above 0°C. For operation below 0°C, tantalum,
ceramic, or Os-Con type capacitors are necessary.
When using a combination of one or more nonceramic capacitors, the calculated equivalent ESR should be no
lower than 2 mΩ (4 mΩ when calculating using the manufacturer’s maximum ESR values). A list of preferred
low-ESR type capacitors are identified in Table 1.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output their combined ESR is not critical as long as the total value of ceramic capacitors, with
values between 10 µF and 100 µF, does not exceed 400 µF. Also, to prevent the formation of local resonances,
do not place more than five identical ceramic capacitors in parallel with values of 10 µF or greater.
8


Similar Part No. - PTH12040WAH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12040WAH ARTESYN-PTH12040WAH Datasheet
222Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12040WAH EMERSON-NETWORKPOWER-PTH12040WAH Datasheet
222Kb / 4P
   DC-DC CONVERTERS
logo
Texas Instruments
PTH12040WAH TI1-PTH12040WAH Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12040WAHT ARTESYN-PTH12040WAHT Datasheet
222Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
More results

Similar Description - PTH12040WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTV08T250W TI-PTV08T250W Datasheet
2Mb / 30P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com