Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM185-5 Datasheet(PDF) 1 Page - International Rectifier

Part # OM185-5
Description  SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM185-5 Datasheet(HTML) 1 Page - International Rectifier

  OM185-5 Datasheet HTML 1Page - International Rectifier OM185-5 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5 - 41
3.5
Three Terminal, Low Dropout, Positive Fixed
Voltage, 7.5A, 5A, 3A And 1.5A Regulators
4 11 R0
SURFACE MOUNT LOW DROPOUT
POSITIVE FIXED VOLTAGE REGULATORS
OM185-5, 12, 15NM
OM186-5, 12, 15NM
OM183-5, 12, 15NM
OM184-5, 12, 15NM
Pin 1: VIN
Pin 2: Ground
Pin 3: VOUT
.500
.140
.415
.157
.015
.140
.140
.075
.075
.062
.375
.030
MIN.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
.625
12
3
12
3
Preliminary Data Sheet
FEATURES
• Hermetic Surface Mount Package
• Operates Down To 1V Dropout, 1.5V @ Max. Current
• .015% Line Regulation
• .01% Load Regulation
• 1% Reference Voltage
• Electrically Equivalent To LT1083, 84, 85, And 86
• Available Hi-Rel Screened
DESCRIPTION
These three terminal positive fixed voltage regulators in surface mount packages are
designed to provide 7.5A, 5A, 3A, and 1.5A with higher efficiency than conventional
voltage regulators. These devices are designed to operate to 1 Volt input to output
differential and the dropout voltage is specified as a function of load current. These
devices are ideally suited for Hi-Rel applications where surface mount, small size,
hermeticity and high reliability are required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Output Current - OM183-5, 12, 15NM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 A
OM184-5, 12, 15NM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 A
OM185-5, 12, 15NM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 A
OM186-5, 12, 15NM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
MECHANICAL OUTLINE
PIN CONNECTION


Similar Part No. - OM185-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM185-5 ETC-OM185-5 Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results

Similar Description - OM185-5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
   POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
M.S. Kennedy Corporatio...
MSK5231H MSK-MSK5231H Datasheet
187Kb / 5P
   POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
International Rectifier
OM7621NM IRF-OM7621NM Datasheet
26Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com