Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UML11N Datasheet(PDF) 3 Page - Rohm

Part # UML11N
Description  General purpose transistor (isolated transistor and diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UML11N Datasheet(HTML) 3 Page - Rohm

  UML11N Datasheet HTML 1Page - Rohm UML11N Datasheet HTML 2Page - Rohm UML11N Datasheet HTML 3Page - Rohm UML11N Datasheet HTML 4Page - Rohm UML11N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EML11 / UML11N
Transistors
Rev.B
Electrical characteristic curves
Di1
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
1000
0.01
0.1
1
10
100
1000
10000
100000
010
20
30
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
1
10
100
0
5
10
15
20
f=1MHz
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
0.001
0.1
1
10
100
0
100
200
300
400
500
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0.01
Tr2
-0.2
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
VCE =
−6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
Ta = 100
°C
25
°C
40
°C
-0.4
-4
-8
-1.2
0
-2
-6
-10
-0.8
-1.6
-2.0
-3.5
µA
-7.0
-10.5
-14.0
-17.5
-21.0
-24.5
-28.0
-31.5
IB = 0
Ta = 25
°C
-35.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics (
Ι )
-40
-80
-5
-3
-4
-2
-1
-20
-60
-100
0
IB = 0
Ta = 25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded emitter output
characteristics (
ΙΙ )
-50
µA
-100
-150
-200
-250
-500
-450
-400
-350
-300
500
200
100
50
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
Ta = 25
°C
VCE = -5V
-3V
-1V
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current (
Ι )
500
200
100
50
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs. collector
current (
ΙΙ )
VCE = -6V
Ta = 100
°C
-40
°C
25
°C
-0.1
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
-1
-0.5
-0.2
-0.05
Ta = 25
°C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current (
Ι )
IC/IB
= 50
20
10
3/4


Similar Part No. - UML11N

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UML1 ASI-UML1 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML1 ASI-UML1 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML10 ASI-UML10 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML10 ASI-UML10 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML100 ASI-UML100 Datasheet
22Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - UML11N

ManufacturerPart #DatasheetDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
US5L11 ROHM-US5L11 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL9 ROHM-QSL9 Datasheet
83Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ3 ROHM-QSZ3 Datasheet
87Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L12 ROHM-US5L12 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4 Datasheet
89Kb / 5P
   General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N_1 Datasheet
93Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L9 ROHM-US5L9_1 Datasheet
81Kb / 5P
   General purpose transistor (isolated transistor and diode)
EML20 ROHM-EML20_08 Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com