Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMS4149 Datasheet(PDF) 7 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EMS4149
Description  MACHINE PIN SOCKET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EMS4149 Datasheet(HTML) 7 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EMS4149 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 8Page - EXCEL CELL ELECTRONIC CO., LTD. EMS4149 Datasheet HTML 9Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
■ PART NUMBERING SYSTEM
EMS 2 3 18 3 4 XX Z
Z: RoHS Compliant
XX: Special Number
0: DO NOT NEED CLIP
4: FOUR FINGERED CLIP
6: SIX FINGERED CLIP
3: LENGTH 7.4mm SLEEVE TIN PLATED
4: LENGTH 7.4mm SLEEVE GOLD PLATED
5: WIRE-WRAP PIN WITH TIN PLATED
6: WIRE-WRAP PIN WITH GOLD PLATED
7: SOLDER FORK PIN WITH TIN PLATED
8: SOLDER FORK PIN WITH GOLD PLATED
9: STRAIGHT PIN WITH GOLD PLATED
91: STRAIGHT PIN WITH TIN PLATED
NUMBER OF PINS
DIP:06, 08, 14, 16, 18, 20, 22, 24,
28, 32, 36, 40, 42, 48, 64
3: BETWEEN TWO ROW PITCH 0.3"
4: BETWEEN TWO ROW PITCH 0.4"
6: BETWEEN TWO ROW PITCH 0.6"
9: BETWEEN TWO ROW PITCH 0.9"
7: OSCILLATOR TYPE TWO ROW PITCH 0.3"
2: DIP TYPE (PLASTIC BASE)
SERIES NAME
PART NO.
PIN NO.
A
B
C
PART NO.
PIN NO.
A
B
C
EMS2306**
6
10.1
7.62
7.6
EMS2324**
24
10.1
7.62
30.4
EMS2308**
8
10.1
7.62
10.1
EMS2624**
24
17.7 15.24 30.4
EMS2310**
10
10.1
7.62
12.7
EMS2628**
28
17.7 15.24 35.5
EMS2314**
14
10.1
7.62
17.7
EMS2632**
32
17.7 15.24 40.6
EMS2316**
16
10.1
7.62
20.3
EMS2636**
36
17.7 15.24 45.7
EMS2318**
18
10.1
7.62
22.8
EMS2640**
40
17.7 15.24 50.8
EMS2320**
20
10.1
7.62
25.4
EMS2648**
48
17.7 15.24 60.9
EMS2422**
22
12.7 10.16 27.9
EMS2964**
64
25.4 22.86 81.2


Similar Part No. - EMS4149

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
EMS-TGL-I3S BCM-EMS-TGL-I3S Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
EMS-TGL-I3W BCM-EMS-TGL-I3W Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
EMS-TGL-I5S BCM-EMS-TGL-I5S Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
EMS-TGL-I5W BCM-EMS-TGL-I5W Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results

Similar Description - EMS4149

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICM-6XX-1-GT ADAM-TECH-ICM-6XX-1-GT Datasheet
87Kb / 1P
   SCREW MACHINE SOCKET
ICM-XXX-1-GT ADAM-TECH-ICM-XXX-1-GT Datasheet
148Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-1-TT ADAM-TECH-ICM-6XX-1-TT Datasheet
87Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-SMT-GT ADAM-TECH-ICM-6XX-SMT-GT Datasheet
82Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-1-GT-NB ADAM-TECH-ICM-6XX-1-GT-NB Datasheet
90Kb / 1P
   SCREW MACHINE SOCKET
ICM-6XX-SMT-GT-HT ADAM-TECH-ICM-6XX-SMT-GT-HT Datasheet
81Kb / 1P
   SCREW MACHINE SOCKET
SMC-2A-XX-1-GT ADAM-TECH-SMC-2A-XX-1-GT Datasheet
143Kb / 1P
   SCREW MACHINE CONTACT SOCKET
SMC-1-GT-583-SQT-HT ADAM-TECH-SMC-1-GT-583-SQT-HT Datasheet
82Kb / 1P
   SCREW MACHINE CONTACT SOCKET
SMC-1-XX-1-TT ADAM-TECH-SMC-1-XX-1-TT Datasheet
107Kb / 1P
   SCREW MACHINE CONTACT SOCKET
logo
Intel Corporation
AR2X INTEL-AR2X Datasheet
103Kb / 1P
   IC socket screw machine
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com