Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGB15N40CL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MGB15N40CL
Description  Ignition IGBT 15 Amps, 410 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGB15N40CL Datasheet(HTML) 5 Page - ON Semiconductor

  MGB15N40CL Datasheet HTML 1Page - ON Semiconductor MGB15N40CL Datasheet HTML 2Page - ON Semiconductor MGB15N40CL Datasheet HTML 3Page - ON Semiconductor MGB15N40CL Datasheet HTML 4Page - ON Semiconductor MGB15N40CL Datasheet HTML 5Page - ON Semiconductor MGB15N40CL Datasheet HTML 6Page - ON Semiconductor MGB15N40CL Datasheet HTML 7Page - ON Semiconductor MGB15N40CL Datasheet HTML 8Page - ON Semiconductor MGB15N40CL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MGP15N40CL, MGB15N40CL
http://onsemi.com
5
20
10
25
5
15
0
30
TEMPERATURE (
°C)
L = 2.0 mH
–50
50
75
25
0
100
–25
125
150
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 3.0 mH
L = 6.0 mH
0
20
6
4
2
0
30
INDUCTOR (mH)
5
10
15
25
810
T = 25
°C
T = 150
°C
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
12
10
6
8
4
2
0
2
4
0
6
8
10
12
14
20
10
25
5
15
0
30
0
20
6
4
2
0
TEMPERATURE (
°C)
Figure 7. Minimum Open Secondary Latch
Current vs. Inductor
Figure 8. Minimum Open Secondary Latch
Current vs. Temperature
Figure 9. Typical Open Secondary Latch
Current vs. Inductor
Figure 10. Typical Open Secondary Latch
Current vs. Temperature
Figure 11. Switching Speed vs. Case
Temperature
TC, CASE TEMPERATURE (°C)
Figure 12. Switching Speed vs. Collector
Current
IC, COLLECTOR CURRENT (AMPS)
30
08
10
6
412
216
L = 2.0 mH
INDUCTOR (mH)
5
10
15
25
810
T = 25
°C
T = 150
°C
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
–50
50
75
25
0
100
–25
125
150
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 3.0 mH
L = 6.0 mH
–50
50
75
25
0
100
–25
125
150
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
IC = 10 A
L = 300
µH
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
TJ = 150°C
L = 300
µH
14
td(off)
tf
td(off)
tf


Similar Part No. - MGB15N40CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
MGB15N40CLT4 ONSEMI-MGB15N40CLT4 Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGB15N40CLT4 ONSEMI-MGB15N40CLT4 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
More results

Similar Description - MGB15N40CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8204N ONSEMI-NGB8204N Datasheet
150Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
August, 2006 ??Rev. 3
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGB8204N ONSEMI-NGB8204N_11 Datasheet
127Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLB ONSEMI-NGD18N40CLB Datasheet
152Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 7
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com