Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGT672 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LGT672
Description  Super TOPLED / High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT672 Datasheet(HTML) 8 Page - OSRAM GmbH

  LGT672 Datasheet HTML 1Page - OSRAM GmbH LGT672 Datasheet HTML 2Page - OSRAM GmbH LGT672 Datasheet HTML 3Page - OSRAM GmbH LGT672 Datasheet HTML 4Page - OSRAM GmbH LGT672 Datasheet HTML 5Page - OSRAM GmbH LGT672 Datasheet HTML 6Page - OSRAM GmbH LGT672 Datasheet HTML 7Page - OSRAM GmbH LGT672 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Opto Semiconductors
Data Sheet
8
1999-05-18
LS T672, LO T672, LY T672, LG T672, LP T672
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennung: abgeschrägte Ecke
Cathode mark:
bevelled edge
(typ)
0.7
0.9
1.7
2.1
0.12
0.18
0.4
0.6
2.6
3.0
2.1
2.3
Cathode/Collector marking
Approx. weight 0.03 g
0.8
0.6
0.1
Cathode/Collector


Similar Part No. - LGT672

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGT672 SIEMENS-LGT672 Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
LGT672-MQ SIEMENS-LGT672-MQ Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
LGT672-N SIEMENS-LGT672-N Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
LGT672-NR SIEMENS-LGT672-NR Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
LGT672-P SIEMENS-LGT672-P Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
More results

Similar Description - LGT672

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST672 SIEMENS-LST672 Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com