Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S8200 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC42S8200
Description  1Meg x 8 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S8200 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC42S8200 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S8200 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
.EATURES
• Clock frequency: 166, 143, 125, 100 MHz
• .ully synchronous; all signals referenced to a
positive clock edge
• Two banks can be operated simultaneously and
independently
• Dual internal bank controlled by A11 (bank select)
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length
– (1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Auto refresh, self refresh
• 4096 refresh cycles every 128 ms
• Random column address every clock cycle
• Programmable +)5 latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Burst termination by burst stop and precharge
command
• Package 400mil 44-pin TSOP-2
DESCRIPTION
1+51's 16Mb Synchronous DRAM IC42S8200 is organized
as a 1Meg x 8-bit x 2-bank for improved performance. The
synchronous DRAMs achieve high-speed data transfer
using pipeline architecture. All inputs and outputs signals
refer to the rising edge of the clock input.
1+" 5& 
1Meg x 8 Bits x 2 Banks (16-MBIT)
SYNCHRONOUS DYNAMIC RAM
PIN CON.IGURATIONS
44-Pin TSOP-2
PIN DESCRIPTIONS
A0-A11
Address Input
A0-A10
Row Address Input
A11
Bank Select Address
A0-A8
Column Address Input
I/O0 to I/O7
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQM
Input/Output Mask
Vcc
Power
GND
Ground
VccQ
Power Supply for I/O Pin
GNDQ
Ground for I/O Pin
NC
No Connection
Integrated Circuit Solution Inc.
1
DR018-0A 07/10/2001
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VCC
I/O0
GNDQ
I/O1
VccQ
I/O2
GNDQ
I/O3
VccQ
NC
NC
WE
CAS
RAS
CS
A11
A10
A0
A1
A2
A3
VCC
GND
I/O7
GNDQ
I/O6
VCCQ
I/O5
GNDQ
I/O4
VCCQ
NC
NC
DQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
GND


Similar Part No. - IC42S8200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S81600 ICSI-IC42S81600 Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-6TG ICSI-IC42S81600-6TG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-6TIG ICSI-IC42S81600-6TIG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-7TG ICSI-IC42S81600-7TG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-7TIG ICSI-IC42S81600-7TIG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S8200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S81600 ICSI-IC42S81600 Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com