Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX5545G108 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. FX5545G108
Description  The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

FX5545G108 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10131
44
Revision: 21-Jan-05
FX5545G108
Vishay
Vout Vs. lout*
Vin = 4V
Vout Vs. Vin*
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
0
0.05
0.2
0.25
lout (A)
0.1
0.15
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3
3.5
6
6.5
Vin (V)
4
5
4.5
5.5
lout = 0.1A
lout = 0.15A
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.2
Iout (A)
0.15
0.25
*Note: Measurements were taken with Power supply: ZUP 20-40 from Nemic Lambda; Electronic load: 6063B from Agilent; Multimeter: Fluke 45
from Fluke and 34401 digital multimeter from Agilent; Scope: Infiniium 54815A from Agilent.
Efficiency Vs. lout*
Vin = 4.0V; Vout = 3.3V
PSM MODE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn