Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGA1A156M Datasheet(PDF) 9 Page - Rohm

Part # TCFGA1A156M
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGA1A156M Datasheet(HTML) 9 Page - Rohm

Back Button TCFGA1A156M Datasheet HTML 5Page - Rohm TCFGA1A156M Datasheet HTML 6Page - Rohm TCFGA1A156M Datasheet HTML 7Page - Rohm TCFGA1A156M Datasheet HTML 8Page - Rohm TCFGA1A156M Datasheet HTML 9Page - Rohm TCFGA1A156M Datasheet HTML 10Page - Rohm TCFGA1A156M Datasheet HTML 11Page - Rohm TCFGA1A156M Datasheet HTML 12Page - Rohm TCFGA1A156M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TCFG series
Tantalum capacitors
9/15
11.4 ± 1.0
Label position
Taping
Reel
TCFG
Plastic reel
EIAJ ETX - 7001comformed
Case code
A ± 0.1
B ± 0.1
t1 ± 0.05
t2 ± 0.1
P (2012)
1.55
2.3
0.25
1.5
A (3216)
1.9
3.5
0.25
1.9
B (3528)
3.3
3.8
0.25
2.2
φ1.5
+ 0.1
− 0
Product
Pull-out direction
4.0 ± 0.1
B
4.0 ± 0.1
2.0 ± 0.05
A
t1
t2
Some emboss tapes have the center hole
on its bottom.
!
!
!
!
Packaging style
TCFG
R
2,000
Part No.
Package type
Packaging style
Symbol
Basic ordering unit (pcs)
Taping
Plastic taping
φ180 mm reel


Similar Part No. - TCFGA1A156M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGA1A156M8R ROHM-TCFGA1A156M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA1A156M8R ROHM-TCFGA1A156M8R Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA1A156M8R ROHM-TCFGA1A156M8R Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGA1A156M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com