Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3892M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3892M
Description  Octal Trapezoidal Driver / Octal TRI-STATE Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3892M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3892M Datasheet HTML 1Page - National Semiconductor (TI) DS3892M Datasheet HTML 2Page - National Semiconductor (TI) DS3892M Datasheet HTML 3Page - National Semiconductor (TI) DS3892M Datasheet HTML 4Page - National Semiconductor (TI) DS3892M Datasheet HTML 5Page - National Semiconductor (TI) DS3892M Datasheet HTML 6Page - National Semiconductor (TI) DS3892M Datasheet HTML 7Page - National Semiconductor (TI) DS3892M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF8700
January 1996
DS3890 BTL Octal Trapezoidal Driver
DS3892 BTL Octal TRI-STATE
Receiver
General Description
The DS3890 and DS3898 are designed specifically to over-
come problems associated with driving densely populated
backplanes These products provide significant improve-
ment in both speed and data integrity in comparison to con-
ventional bus drivers and receivers Their low output capaci-
tance low voltage swing and noise immunity features make
them ideal for driving low impedance busses with minimum
power dissipation
The DS3890 features an open collector outputs that gener-
ate precise trapezoidal waveforms with typical rise and fall
times of 6 ns which are relatively independent of capacitive
loading conditions These controlled output characteristics
significantly reduce noise coupling to adjacent lines
To minimize bus loading the DS3890 also features a
schottky diode in series with the open collector outputs that
isolates the driver output capacitance in the disabled state
With this type of configuration the output low voltage is typi-
cally ‘‘1V’’ The output high level is intended to be 2 volts
This is achieved by terminating the bus with a pull up resis-
tor Both devices can drive an equivalent DC load of 185X
(or greater) in the defined configuration
(General Description to be continued)
Features
Y
Driver output capacitance less than 5 pF
Y
1 volt bus signal reduces power consumption
Y
Trapezoidal driver waveforms (tr tf typically 6 ns) re-
duces noise coupling to adjacent lines
Y
Precise receiver threshold track the bus logic high level
to maximize noise immunity in both logic high ahd low
states
Y
Open collector driver output allows wire-or connection
Y
Advanced low power schottky technology
Y
Glitch free power updown protection
Y
TTL compatible driver and control inputs and receiver
output
Y
BTL compatible
Logic and Connection Diagrams
DS3890 Octal Trapezoidal Driver
TLF8700 – 1
DS3892 Octal TRI-STATE Receiver
TLF8700 – 2
Order Numbers DS3892M DS3890N or DS3892N
See NS Package Number M20B or N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS3892M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3892 NSC-DS3892 Datasheet
181Kb / 6P
   Octal Trapezoidal Repeater
DS3892J NSC-DS3892J Datasheet
181Kb / 6P
   Octal Trapezoidal Repeater
DS3892N NSC-DS3892N Datasheet
181Kb / 6P
   Octal Trapezoidal Repeater
More results

Similar Description - DS3892M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS465 NSC-DM74LS465 Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
   Octal TRI-STATE Transceiver
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
   Octal TRI-STATE Transceiver
logo
Motorola, Inc
SN74LS796N MOTOROLA-SN74LS796N Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
DS3898 NSC-DS3898 Datasheet
181Kb / 6P
   Octal Trapezoidal Repeater
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com