Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32829 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32829
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32829 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button NS32829 Datasheet HTML 3Page - National Semiconductor (TI) NS32829 Datasheet HTML 4Page - National Semiconductor (TI) NS32829 Datasheet HTML 5Page - National Semiconductor (TI) NS32829 Datasheet HTML 6Page - National Semiconductor (TI) NS32829 Datasheet HTML 7Page - National Semiconductor (TI) NS32829 Datasheet HTML 8Page - National Semiconductor (TI) NS32829 Datasheet HTML 9Page - National Semiconductor (TI) NS32829 Datasheet HTML 10Page - National Semiconductor (TI) NS32829 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DP8428DP8429 Mode Descriptions
MODE 0 – EXTERNALLY CONTROLLED REFRESH
Figure 2 shows the Externally Controlled Refresh timing In
this mode the refresh counter contents are multiplexed to
the address outputs All RAS outputs are enabled to follow
RASIN so that the row address indicated by the refresh
counter is refreshed in all DRAM banks when RASIN goes
low The refresh counter increments when RASIN goes
high RFSH should be held low at least until RASIN goes
high (they may go high simultaneously) so that the refresh
address remains valid and all RAS outputs remain enabled
throughout the refresh
A burst refresh may be performed by holding RFSH low and
toggling RASIN until all rows are refreshed It may be useful
in this case to reset the refresh counter just prior to begin-
ning the refresh The refresh counter resets to all zeroes
when RFIO is pulled low by an external gate The refresh
counter always counts to 511 before rolling over to zero If
there are 128 or 256 rows being refreshed then Q7 or Q8
respectively going high may be used as an end-of-burst
indicator
In order that the refresh address is valid on the address
outputs prior to the RAS lines going low RFSH must go low
before RASIN The setup time required is given by tRFLRL in
the Switching Characteristics This parameter may be ad-
justed using
Figure 10 for loading conditions other than
those specified
TABLE III DP8428DP8429 Mode Select Options
Mode
(RFSH)
M0
Mode of Operation
M2
0
0
0
Externally Controlled
Refresh
1
0
1
Auto Refresh – Forced
4
1
0
Externally Controlled
Access
5
1
1
Auto Access
(Hidden Refresh)
DP8428DP8429 Interface Between System and DRAM Banks
TLF8649 – 12
All 9 Bits of Refresh Counter Used
FIGURE 1a DP8428DP8429 with 256k DRAMs
TLF8649 – 25
All 9 Bits of Refresh Counter Used
FIGURE 1b DP8428DP8429 with 1M DRAMs
7


Similar Part No. - NS32829

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32081 NSC-NS32081 Datasheet
184Kb / 18P
   NS32081-10/NS32081-15 Floating-Point Units
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32203D NSC-NS32203D Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32203N NSC-NS32203N Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32382-10 NSC-NS32382-10 Datasheet
1Mb / 39P
   MEMORY MANAGEMENT UNITS
More results

Similar Description - NS32829

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
   64k, 256k Dynamic RAM Controller/Drivers
logo
Texas Instruments
THCT4502B TI-THCT4502B Datasheet
127Kb / 2P
[Old version datasheet]   DYNAMIC RAM CONTROLLER
logo
National Semiconductor ...
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
Siemens Semiconductor G...
HYB511000BJ- SIEMENS-HYB511000BJ- Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
   4,194,304 x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com