Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2132271010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2132271010
Description  1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount, Vertical, 0.10關m Gold (Au) Plating, 10 Circuits, Natural
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2132271010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2132271010 Datasheet HTML 1Page - Molex Electronics Ltd. 2132271010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
2132271010
Status:
Active
Overview:
CLIK-Mate Wire-to-Board Connectors
Description:
1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount,
Vertical, 0.10µm Gold (Au) Plating, 10 Circuits, Natural
Documents:
3D Model
Product Specification 5031491002-PS-000 (PDF)
3D Model (PDF)
Packaging Specification 2132279200-SPK-200 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification 5031490002-PS-000 (PDF)
General
Product Family
PCB Receptacles
Series
213227
Application
Signal, Wire-to-Board
Overview
CLIK-Mate Wire-to-Board Connectors
Product Name
CLIK-Mate
UPC
193264242689
Physical
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Capable
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Resin
Polyamide
Net Weight
1160.000/mg
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.50mm
Pitch - Termination Interface
1.50mm
Plating min - Mating
0.102µm
Plating min - Termination
0.102µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40° to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.0A
Voltage - Maximum
100V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
2132279200-SPK-200
Product Specification
5031490002-PS-000, 5031491002-PS-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)9139-DC (19
Jan 2021)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
213227 Series
Mates With
CLIK-Mate Housing 503149


Similar Part No. - 2132271010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2132271011 MOLEX-2132271011 Datasheet
39Kb / 2P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount, Vertical, 0.10關m Gold (Au) Plating, 10 Circuits, Black
More results

Similar Description - 2132271010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2132271410 MOLEX-2132271410 Datasheet
38Kb / 2P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount, Vertical, 0.10關m Gold (Au) Plating, 14 Circuits, Natural
2132271210 MOLEX-2132271210 Datasheet
23Kb / 1P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount, Vertical, 0.10關m Gold (Au) Plating, 12 Circuits, Natural
2132270810 MOLEX-2132270810 Datasheet
38Kb / 2P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount Vertical, 0.10關m Gold (Au) Plating, 8 Circuits, Natural
2132271011 MOLEX-2132271011 Datasheet
39Kb / 2P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Surface Mount, Vertical, 0.10關m Gold (Au) Plating, 10 Circuits, Black
2132260411 MOLEX-2132260411 Datasheet
39Kb / 2P
   1.50mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Surface Mount, Right-Angle, 0.10關m Gold (Au) Plating, 4 Circuits, Black
5031541090 MOLEX11-5031541090 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 10 Circuits
5025841070 MOLEX11-5025841070 Datasheet
600Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 10 Circuits
5031542490 MOLEX11-5031542490 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 24 Circuits
5031542090 MOLEX11-5031542090 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 20 Circuits
5031542290 MOLEX11-5031542290 Datasheet
538Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 22 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com