Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0G226K Datasheet(PDF) 10 Page - Rohm

Part # TCA0G226K
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA0G226K Datasheet(HTML) 10 Page - Rohm

Back Button TCA0G226K Datasheet HTML 6Page - Rohm TCA0G226K Datasheet HTML 7Page - Rohm TCA0G226K Datasheet HTML 8Page - Rohm TCA0G226K Datasheet HTML 9Page - Rohm TCA0G226K Datasheet HTML 10Page - Rohm TCA0G226K Datasheet HTML 11Page - Rohm TCA0G226K Datasheet HTML 12Page - Rohm TCA0G226K Datasheet HTML 13Page - Rohm TCA0G226K Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
10/13
Electrical characteristics and operation notes
(1) Soldering conditions (soldering temperature and soldering time)
130
140
150
160
170
0
60
90
120
150
180
TIME (
sec)
Preheat
Fig.1 reflow soldering
200
220
240
260
280
0
10203040506070
TIME (
sec)
Reflow zone
200
210
220
230
240
250
260
270
0
2
4
6
8
10121416
TIME (
sec)
Fig.2 Flow soldering (Dip wave soldering)
280
300
320
340
0
5
10
15
20
25
TIME (
sec)
Fig.3 Hand soldering (Wattage : 30W MAX.)
(2) Leakage current-to-voltage ratio
0.01
0.1
1
0
20406080
100
% OF RATED VOLTAGE (
VR)
Fig.4


Similar Part No. - TCA0G226K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA0G226K8R ROHM-TCA0G226K8R Datasheet
105Kb / 12P
   Chip tantalum capacitors
More results

Similar Description - TCA0G226K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com