Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1227M Datasheet(PDF) 4 Page - Rohm

Part # 2SD1227M
Description  Medium Power Transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1227M Datasheet(HTML) 4 Page - Rohm

  2SD1227M Datasheet HTML 1Page - Rohm 2SD1227M Datasheet HTML 2Page - Rohm 2SD1227M Datasheet HTML 3Page - Rohm 2SD1227M Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
259
Transistors
2SD1766 / 2SD1758 / 2SD1862 / 2SD1055 /
Transistors
2SD1919 / 2SD1227M


Similar Part No. - 2SD1227M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1220 TOSHIBA-2SD1220 Datasheet
169Kb / 3P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SD1220 TOSHIBA-2SD1220 Datasheet
151Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
logo
Guangdong Kexin Industr...
2SD1220 KEXIN-2SD1220 Datasheet
39Kb / 1P
   Silicon NPN Epitaxial Transistor
logo
Toshiba Semiconductor
2SD1220 TOSHIBA-2SD1220 Datasheet
155Kb / 5P
   Power Amplifier Applications
2SD1220 TOSHIBA-2SD1220 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SD1227M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com