Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M62370GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M62370GP
Description  3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62370GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62370GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
2
EXPLANATION OF TERMINALS
Pin No.
Symbol
Function
1
4
2
3
38
48
9
DI
Do
CLK
LD
Serial data input terminal to input 16-bit long ssrial data
When H-level signal is input to this terminal,the value stored in 16-bit shift register is loaded
in decoder and D-A converter output register
Ao11
8-bit D-A converter output terminal
Terminal to output MSB data of 16-bit shift register
Shift clock input terminal.Input signal at DI pin is input to 16-bit shift register at rise of shift clock pulse
Power supply terminal
29
5
6
30
GND terminal
GND
C0
VCC
C1
Ao12
Ao31
Ao32
Ao1
Data sslect signal input terminal 1 for channel No.31 through 36
BLOCK DIAGRAM FOR EXPLANATION OF TERMINALS
5
29
38
32
GND
Vcc
Vss2
Ao1
16-BIT SHIFT REGISTER
D15 D14
D13 D12
D11
D10 D9
D8
D5
D4 D3 D2
ADDRESS DECODER
8-BIT
LATCH
............
3
2
1
(8)
-
4
3
Do
LD
2
1
DI
CLK
8-BIT
D-A CONVERTER
Upper reference voltage input terminal and power supply to operational amplifier for channel No.1 through 24
8
7
31
32
VDD1
VSS1
VDD2
VSS2
Data select signal input terminal 2 for channel No.31 through 36
Upper reference voltage input terminal and power supply to operational amplifier for channel No.25 through 36
Lower reference voltage input terminal for channel No.1 through 24
Lower reference voltage input terminal for channel No.25 through 36
8
7
Vss1
VDD1
6
30
C0
C1
D7
D6
D1 D0
4
27
Ao30
8-BIT
LATCH
............
-
DAC
28
Ao31
8-BIT LATCH X 4
SEL
............
-
37
Ao36
............
-
8-BIT
D-A CONVERTER
DAC
8-BIT LATCH X 4
SEL
DATA
CONTROL
36
31
30
1
(4)
(4)
(4)
28
33
37
Ao36
31
VDD2


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62371GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62332P8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62342P8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn