Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62370GP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62370GP
Description  3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62370GP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62370GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62370GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62370GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62370GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62370GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62370GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
DESCRIPTION
The M62370GP is a CMOS semiconductor IC,containing 36
channels of 8-bit D-A converters.It is operable with a low
supply voltage between 2.7~3.6V,and is easy to use due to
serial data input,and 3-pin(DI,CLK,LD)connection with
microcomputer.The IC also contains Do pin terminal,enabling
cascade connection,and therefore is suitable for automatic
control in combination with a microcomputer.
FEATURES
•Operable with a low voltage between 2.7~3.6V
•16-bit serial data input(connected via 3 pins:DI,CLK,LD)
•36 channels built-in of 8-bit D-A converter
•6 channels of D-A converters capable of selecting and
outputting 4 data stored in each converter,through
2 control terminals
BLOCK DIAGRAM
APPLICATION
Digital-analog conversion in industrial or home-use
electronic equipment.
Automatic control in combination with EEPROM and
microcomputer(Substitute for conventional semi-fixed
resistor)
1
PIN CONFIGURATION (TOP VIEW)
DI
CLK
LD
Do
GND
C0
Vss1
VDD1
Ao12
Ao13
Ao14
Ao15
Ao35
Ao34
Ao33
Ao32
Vss2
VDD2
C1
Vcc
Ao31
Ao30
Ao29
Ao28
Outline 48P6D-A
29
5
38
21
36
37
VCC
GND
Ao1
Ao24
Ao35
Ao36
D-A
D-A
D-A
D-A
16-BIT SHIFT REGISTER
DECODER
-
-
-
-
8-BIT
LATCH
8-BIT
LATCH X 4
4
2
D15 D14 D13 D12 D11 D10 D9 D8
3
D5 D4 D3 D2 D1 D0
DATA
CONTROL
6
30
CLK
1
DI
31
VDD2
32
Vss2
Do
LD
Co
C1
8
VDD1
7
Vss1
8-BIT
LATCH X 4
8-BIT
LATCH X 4
8


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M62371GP 3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1  2  3  4  5  Mitsubishi Electric Semiconductor
M62368GP 3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  Mitsubishi Electric Semiconductor
M62366GP 3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  Mitsubishi Electric Semiconductor
M62367GP 3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  Mitsubishi Electric Semiconductor
M62332P 8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62333P 8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62334P 8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62381FP 8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  Mitsubishi Electric Semiconductor
M62342P 8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  Mitsubishi Electric Semiconductor
M62392P 8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn