Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62370GP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62370GP
Description  3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62370GP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62370GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
4
V
ABSOLUTE MAXIMUM RATINGS(Ta=25°C,unless otherwise noted)
Symbol
Ratings
Unit
Supply voltage
-0.3~+7.0
Parameter
Conditions
Topr
Operating temperature
Output voltage
Analog part(VCC=+3V±10%, VCC=VDD,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
mA
°C
°C
-20~+85
-40~+125
Vcc
-0.3~Vcc+0.3
V
Vo
Power dissipation
IDD
Current dissipation
D-A converter upper reference
voltage range
mW/°C
400
Tstg
Storage temperature
LSB
Co
VAO
Buffer amplifier output voltage range
Buffer amplifier output driving
range
Differential nonlinearity error
VDD
Upper saturation voltage=0.4V
Lower saturation voltage=0.3V
5.0
ELECTRICAL CHARACTERISTICS
Digital part(VCC=+3V±10%, VCC=VDD,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
VCC
Supply voltage
VIH
IILK
VIL
VOL
Input leak current
Input low voltage
Output low voltage
Output high voltage
µA
2.7
VOH
5.5
10
0.4
-10
Input high voltage
V
V
V
V
3.0
0.6
2.4
VCC-0.4
IOL=2.5mA
IOH=-400µA
Ro
Buffer amplifier output impedance
LSB
Pd
mA
1.0
Icc
Circuit current
V
CLK=1MHz operation,Vcc=3V,IAO=0µA
2.7
5.5
V
Vss
D-A converter lower reference
voltage range
GND
VDD-2
V
0.1
VDD-0.1
VDD-0.2
0.2
IAO=±100µA
IAO=+300µA
-200µA
V
IAO
-300
500
µA
SDL
SL
SZERO
SFULL
Nonlinearity error
Zero code error
Full scale error
Output capacitative load
Vcc=2.700V
VDD=2.700V
Vss=0.050V
No load(IAO=±0)
0.1
50
-1.0
-1.5
-2
-2
1.0
1.5
2
2
LSB
LSB
µF
K
Terminal derating
mW
4
Ta
≤25°C
Note.Standard value is at Ta=25°C
3.0


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62371GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62332P8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62342P8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn