Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M62370GP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M62370GP
Description  3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62370GP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62370GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
3
DIGITAL DATA FORMAT
D8
D9
D10
D11
D12
D13
D14
D-A output
0
1
0
1
0
0
0
1
1
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
(VrefU-VrefL) / 256 X 1 +VrefL
(VrefU-VrefL) / 256 X 2 +VrefL
(VrefU-VrefL) / 256 X 3 +VrefL
(VrefU-VrefL) / 256 X 4 +VrefL
(VrefU-VrefL) / 256 X 255 +VrefL
TIMING CHART (MODEL)
LD
D-A
OUTPUT
CLK
DI
D0
D1
D2
MSB
D13
LSB
FIRST
LSB
LAST
MSB
DAC SELECT DATA
DAC DATA
D15
0
0
0
0
1
1
1
1
1
1
1
1
1
VrefU
VrefU=VDD1,VDD2
VrefL=Vss1,Vss2
*
D3
D15
D14
D5
D4
D3
D2
DAC selection
0
0
0
0
0
0
1
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
1
1
0
1
1
0
0
0
1
1
0
0
0
0
0
1
1
0
1
1
0
0
0
0
Don‘t care
Ao1 selection
Ao2 selection
D1
D0
0
0
1
1
1
0
0
0
1
1
0
0
0
1
0
0
1
0
0
1
0
1
0
1
C0
C1
Ao31 through Ao36
data selected
0
0
1
1
0
1
0
1
Address 0 selected
Address 1 selected
Address 2 selected
Address 3 selected
1
1
1
1
1
1
0
0
1
1
1
1
Don‘t care
Don‘t care
1
1
1
0
1
1
Ao30 selection
Ao31(0) selection
Ao32(0) selection
Ao36(0) selection
Ao31(1) selection
Ao36(1) selection
Ao31(2) selection
Ao36(2) selection
Ao31(3) selection
Ao36(3) selection


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62371GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62332P8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62342P8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn