Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012UT Datasheet(PDF) 1 Page - Rohm

Part # SML-012UT
Description  High Brightness Type Chip LEDs with reflector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012UT Datasheet(HTML) 1 Page - Rohm

  SML-012UT Datasheet HTML 1Page - Rohm SML-012UT Datasheet HTML 2Page - Rohm SML-012UT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT LED LAMPS
External Dimensions(Unit:mm)
High Brightness Type Chip LEDs with reflector
SML-01* Series
(Typ.)
Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Packaging Spacifications(Unit:mm)
Recommemded Pad Layout
3216
(1206)
3.0
×2.0
t=1.3
* IFP measured under duty ≦1/10,1kHz.
Note) "-" will be taken out for emitting color B/E series.
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Tolerance:
±0.1
VR
(V)
∆λ
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
Feeding direction
2
4
φ1.5
2.4
1.6
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈2,500pcs/reel〉
Reel Spacifications
GaN on SiC
InGaN on SiC
AlGaInP on GaAs
Terminal
Cathode mark
3.0
2.3
0.5
0.3
1.6
2−R0.3
1.3 +0.2
−0.1
0
50
100
50
100
Relative brightness (
%)
0
°
30
°
60
°
90
°
30
°
60
°
90
°
1.6
(Unit:mm)
Y’
X’
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
428nm
468nm
525nm
590nm
611nm
630nm
SML010BAT SML011BBT SML012BCT SML011EBT SML012ECT SML-011YT SML-012YT SML-011DT SML-012DT SML-011UT SML-012UT
SML010BAT
94
SML011BBT
Blue
SML012BCT
SML011EBT
SML012ECT
Green
SML-012YT
Yellow
SML-012DT
Orange
SML-012UT
SML-011YT
SML-011DT
SML-011UT
Red
20
30
70
100
100
5
-30 to +85
-40 to +100
-40 to +100
-40 to +100
Blue
Green
Yellow
Orange
Red
84
75
SML010BAT
SML011BBT
Transparent
Clear
SML012BCT
SML011EBT
SML012ECT
SML-012YT
SML-012DT
SML-012UT
SML-011YT
SML-011DT
SML-011UT
3.8
3.5
3.8
2.0
20
20
20
100
10
428
468
523
518
590
611
630
65
26
36
35
15
17
18
3.6
22
36
56
36
100
140
140
36
36
36
9
360
100
22
63
22
63
22
63
140
100
5


Similar Part No. - SML-012UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012UT ROHM-SML-012UT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012UT ROHM-SML-012UT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
497Kb / 10P
   SML-01 series
More results

Similar Description - SML-012UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-012P8T ROHM-SML-012P8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML31 ROHM-SML31 Datasheet
221Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SMLA13WB ROHM-SMLA13WB Datasheet
108Kb / 3P
   Side View Chip LEDs High Brightness Type
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-812BCT ROHM-SML-812BCT Datasheet
108Kb / 3P
   Reverse Mount Chip LEDs High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com