Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLI-343W Datasheet(PDF) 1 Page - Rohm

Part No. SLI-343W
Description  Low Current Type 3.1 Circular Type LED Lamps with Pressure Release Structure>
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

SLI-343W Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity
External Dimensions(Unit:mm)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Tolerance:
±0.2
Relative Luminous Intensity (
%)
diffused
clear
(2.5)
CATHODE
φ3.8±0.3
φ3.1
2-
□0.4±0.1
4-0.5 +0.2
−0.1
(TYP.)
Packaging Spacifications(Unit:mm)
Tape:2000pcs/Box
158
48
340
Bulk
(3F)
:2000pcs/Box
70
100
170
SLI-343 Series
Low Current Type φ3.1 Circular Type LED Lamps〈LEDs with Pressure Release Structure〉
CONVENTIONAL LED LAMPS
Circular Type
Shape
Emitting Surface
Dimension (mm)
φ3.1
AlGaInP on GaAs
591nm
611nm
630nm
Yellow
Orange
Red
SLI-343YC
□□W SLI-343YY□□W SLI-343DC□□W SLI-343DU□□W SLI-343URC□□W SLI-343UR□□W
Straight Type:T32
Recommemded Pad Layout
(Unit:mm)
1.0
2.0
2.5
±0.1
*IFP measured under duty ≦1/10,1kHz.
SLI-343YC
□□W
SLI-343YY
□□W
SLI-343DC
□□W
SLI-343DU
□□W
SLI-343URC
□□W
SLI-343UR
□□W
Red
Orange
Yellow
125
50
200
9
-25 to +85
-30 to +100
Absolute Maximum Ratings(Ta=25℃)
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Electrical Optical Characteristics(Ta=25℃)
100
9
611
591
56
36
36
56
200(20)
300(30)
160(16)
250(25)
36
160(16)
36
200(20)
630
20
17
15
20
SLI-343YC
□□W
SLI-343YY
□□W
SLI-343DC
□□W
SLI-343DU
□□W
SLI-343URC
□□W
SLI-343UR
□□W
Colored Clear
Colored Diffused
Colored Clear
Colored Diffused
Colored Clear
Colored Diffused
1.9
(1.85)
20
(2)
20
(2)
12.7±1.0 6.35±0.4
0±1.0
φ4.0±0.2
2.5±0.5
5.1±0.5
12.7±0.3
φ
3.1±0.2
0±2.0
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Packaging
Pressure
Release


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn