Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPF0603F100RE1 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part No. CPF0603F100RE1
Description  Thin Film Precision Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF0603F100RE1 Datasheet(HTML) 9 Page - TE Connectivity Ltd

  CPF0603F100RE1 Datasheet HTML 1Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 2Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 3Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 4Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 5Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 6Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 7Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 8Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Thin Film Precision Resistors
1773200 Rev N 03/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Reflow Solder Profile
Time of Reflow soldering at maximum temperature point 260°C = 10s
Wave Solder Profile
Time of Wave soldering at maximum temperature point 260°C = 10s
Time of Soldering Iron at maximum temperature point 410°C = 5s
How To Order
CPF
0603
B
100R
E
1
Common Part
Package Size
Tolerance
Value
TCR
Packaging
CPF - precision
thin film chip
resistor
0201
0402
0603
0805
1206
1210
2010
2512
B - ±0.1%
D - ±0.5%
F - ±1%
100R -
1K0 -
10K
– ,
D
– 15PPM
E - 25PPM
C - 50PPM
1
– 1K REEL
Blank
– standard reel
0201 - 10K
0402 0603 0805 1206 1210
– 5K
2010 2512 - 4K


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn