Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPF0603F100RE1 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part No. CPF0603F100RE1
Description  Thin Film Precision Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF0603F100RE1 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  CPF0603F100RE1 Datasheet HTML 1Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 2Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 3Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 4Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 5Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 6Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 7Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 8Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Thin Film Precision Resistors
1773200 Rev N 03/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Marking
Case sizes 0805 to 2512 IEC 4 Digit Marking:
Resistance
R
K
.kΩ
K
kΩ
99K 99kΩ
K
kΩ
Code
1000
2201
1002
4992
1003
Case Size 0603 E24 3 digit marking
– Example 101 = 100R 102=1K0
E24
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
Case size 0603 E96 3 digit marking
– Examples 14C = 13K7 68B = 4K99 68X = 49R9
Code
E96
Code
E96
Code
E96
Code
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10¹
10²
10³
⁻¹
NB For case size 0603 values other than E24 and E96 resistors will be supplied unmarked.
All resistors smaller than 0603 supplied unmarked.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn