Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPF0603F100RE1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. CPF0603F100RE1
Description  Thin Film Precision Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CPF0603F100RE1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  CPF0603F100RE1 Datasheet HTML 1Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 2Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 3Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 4Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 5Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 6Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 7Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 8Page - TE Connectivity Ltd CPF0603F100RE1 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Thin Film Precision Resistors
1773200 Rev N 03/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Chip Size
2512
Rated Power @70°C
0.5W
Resistance
Range Ω
Min.
4R7
4R7
1R0
4R7
1R0
4R7
1R0
Max
1M0
1M0
3M0
1M0
3M0
1M0
3M0
Tolerance (%)
0.05
0.1
0.5
1
Code Letter
A
B
D
F
Selection series
E24 & E96
T.C.R. (ppm/°C)
15
25
50
15
25
50
15
25
50
15
25
50
Code Letter
D
E
C
D
E
C
D
E
C
D
E
C
Max Operating Volt.
150V
Max. Overload Volt.
300V
Op. Temp. Range
-55 ~ +155°C
Insulation Resistance
>
MΩ
Stability
0.5%
Environmental Characteristics
Item
Requirement
Test Method
Tol. ≤ . %
TOL. >0.05%
Temperature Coefficient
of Resistance (TCR)
As per TCRs specified in Electrical Characteristics
tables
MIL-STD-202 Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
ΔR±0.05%
ΔR±0.2%
JIS-C-5201-1 5.5
RCWV*2.5 or Max. overload voltage
whichever is lower for 5 seconds
Insulation Resistance
>9999
MIL-STD-202 Method 302
Apply 100VDC for 1 minute
Endurance
ΔR± . %
ΔR± .%
MIL-STD-202 Method 108A
70±2°C, RCWV for 1000 hrs with 1.5 hrs
ON and . hrs OFF
0201:
>7kΩ ΔR± .%
≤7KΩ ΔR±0.2%
Damp Heat with Load
ΔR± . %
ΔR± .%
MIL-STD-202 Method 103B
40±2°C, 90~95% R.H. RCWV for 1000 hrs
with 1.5
hrs ON and . hrs OFF
Bending Strength
ΔR± . %
ΔR± . %
JIS-C-5201-1 6.1.4
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
MIL-STD-202 Method 208H
245±5°C for 3 seconds
Resistance to Soldering
Heat
ΔR± . %
ΔR± . %
MIL-STD-202 Method 210E
260±5°C for 10 seconds
Dielectric Withstand
Voltage
By Type
MIL-STD-202 Method 301
Max. overload voltage for 1 minute
Thermal Shock
ΔR± . %
ΔR± . %
MIL-STD-202 Method 107G
-55°C ~150°C, 100 cycles
Low Temperature
Operation
ΔR± . %
ΔR± .%
JIS-C-5201-1 7.1
1 hour, -65°C, followed by 45 minutes of
RCWV
High Temperature
Exposure
ΔR± .%
MIL-STD-202 Method 107G
At +155°C for 1000 hours
RCWVRated continuous orking oltage = √ P*R or Max. Operating oltage hiche er is lo er
Storage Temperature: 25±3°C; Humidity < 80%RH


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn