Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK7002A Datasheet(PDF) 5 Page - Rohm

Part # RK7002A
Description  Switching (60V, 300mA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RK7002A Datasheet(HTML) 5 Page - Rohm

  RK7002A Datasheet HTML 1Page - Rohm RK7002A Datasheet HTML 2Page - Rohm RK7002A Datasheet HTML 3Page - Rohm RK7002A Datasheet HTML 4Page - Rohm RK7002A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - RK7002A

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
   Interface and switching (60V, 115mA)
RK7002 ROHM-RK7002 Datasheet
115Kb / 4P
   Interface and switching (60V, 115mA)
RK7002B ROHM-RK7002B Datasheet
239Kb / 6P
   2.5V Drive Nch MOSFET
RK7002B ROHM-RK7002B Datasheet
205Kb / 6P
   2.5V Drive Nch MOSFET
RK7002BM ROHM-RK7002BM Datasheet
302Kb / 6P
   2.5V Drive Nch MOSFET
More results

Similar Description - RK7002A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB_CEDM7002AE-1509 CENTRAL-PB_CEDM7002AE-1509 Datasheet
1Mb / 2P
   60V, 300mA N-Channel MOSFET
logo
Microsemi Corporation
28M0 MICROSEMI-28M0 Datasheet
18Kb / 1P
   60V 300mA MONOLITHIC DIODE ARRAY
16M0 MICROSEMI-16M0 Datasheet
18Kb / 1P
   60V 300mA MONOLITHIC DIODE ARRAY
logo
Unisonic Technologies
2N7002W UTC-2N7002W_12 Datasheet
158Kb / 3P
   300mA, 60V N-CHANNEL POWER MOSFET
logo
Rohm
RHK003N06FRA ROHM-RHK003N06FRA_16 Datasheet
1Mb / 13P
   Nch 60V 300mA Small Signal MOSFET
logo
Unisonic Technologies
2N7002T UTC-2N7002T_12 Datasheet
162Kb / 3P
   300mA, 60V N-CHANNEL POWER MOSFET
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
   300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Maxim Integrated Produc...
MAXM15062 MAXIM-MAXM15062 Datasheet
925Kb / 10P
   One 4.5V to 60V, 300mA power supply
Rev 0; 3/19
logo
Unisonic Technologies
2N7002DW UTC-2N7002DW_12 Datasheet
291Kb / 6P
   300mA, 60V DUAL N-CHANNEL POWER MOSFET
2N7002Z UTC-2N7002Z_12 Datasheet
183Kb / 4P
   300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com