Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RF1601T2D Datasheet(PDF) 1 Page - Rohm

Part No. RF1601T2D
Description  Fast recovery diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RF1601T2D Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF1601T2D
Diodes
Rev.B
1/3
Fast recovery diodes
RF1601T2D
Applications
External dimensions (Unit : mm)
Structure
General rectification
ROHM : TO220FN
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
Features
1) Cathode common type.
(TO-220)
2) Ultra Low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
V
R
2
RM
V
VR
V
Io
A
IFSM
A
Tj
Tstg
Storage temperature
-55 to +150
(*1) Per chip : Io/2
Forward current surge peak (60Hz・1cyc)
80
Junction temperature
150
Reverse voltage (DC)
200
Average rectified forward current (*1)
16
Parameter
Limits
everse voltage (repetitive peak)
00
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.93
V
IF=8A
Reverse current
IR
-
-
10
µA
VR=200V
Reverse recovery time
trr
-
-
30
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Conditions
orward voltage
Parameter
F


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn