Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RF1601T2D Datasheet(PDF) 3 Page - Rohm

Part No. RF1601T2D
Description  Fast recovery diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RF1601T2D Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF1601T2D
Diodes
Rev.B
3/3
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
T
Tj=150℃
D=t/T
t
VR
Io
VR=100V
0A
0V
T
Tj=150℃
D=t/T
t
VR
Io
VR=100V
0A
0V
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
No break at 30kV
ESD DISPERSION MAP


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn