Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDN150N20 Datasheet(PDF) 1 Page - Rohm

Part # RDN150N20
Description  Switching (200V, 15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RDN150N20 Datasheet(HTML) 1 Page - Rohm

  RDN150N20 Datasheet HTML 1Page - Rohm RDN150N20 Datasheet HTML 2Page - Rohm RDN150N20 Datasheet HTML 3Page - Rohm RDN150N20 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RDN150N20
Transistors
1/3
Switching (200V, 15A)
RDN150N20
!
!
!
!
Features
1) Low on-resistance.
2) Low input capacitance.
3) Exellent resistance to damage from static electricity.
!
!
!
!
Application
Switching
!
!
!
!
Structure
Silicon N-channel
MOS FET
!
!
!
!
External dimensions (Unit : mm)
(1) Gate
(2) Drain
(3) Source
TO-220FN
4.5
2.8
0.75
3.2
±0.2
(2)(3)
(1)
0.8
2.54
±0.5
2.6
±0.5
2.54
±0.5
1.3
1.2
10.0 +
0.3
−0.1
+0.3
−0.1
+0.2
−0.1
+0.1
−0.05
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
∗2
Parameter
V
VDSS
Symbol
200
V
VGSS
±30
A
ID
15
A
IDP
45
A
A
IDR
15
A
IDRP
45
mJ
IAS
40
210
15
W
EAS
150
°C
°C
PD
Tch
Tstg
−55 to +150
Limits
Unit
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Reverse Drain
Current
Total Power Dissipation (TC
=25°C)
Channel Temperature
Avalanche Current
Avalanche Energy
Storage Temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw ≤ 10µs, Duty cycle ≤ 1%
∗2 L 4.5mH, VDD=50V, RG=25Ω, 1Pulse, Tch=25°C
!
!
!
!
Equivalent circuit
∗Gate
Protection
Diode
Drain
Gate
Source
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.


Similar Part No. - RDN150N20

ManufacturerPart #DatasheetDescription
logo
Rohm
RDN100N20 ROHM-RDN100N20 Datasheet
62Kb / 4P
   Switching (200V, 10A)
RDN120N25 ROHM-RDN120N25 Datasheet
89Kb / 5P
   Switching (250V, 12A)
More results

Similar Description - RDN150N20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
   Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
   Bridge Diode(200V 15A)
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
Fairchild Semiconductor
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
   15A, 200V Ultrafast Diodes
logo
Intersil Corporation
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
   15A, 200V Ultrafast Diodes
logo
Mospec Semiconductor
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
   POWER TRANSISTORS(15A,200V,150W)
logo
Intersil Corporation
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
   15A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
   15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
   15A, 200V Ultrafast Dual Diode
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com