Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62367GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M62367GP
Description  3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62367GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62367GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
2
EXPLANATION OF TERMINALS
Pin No.
Symbol
Function
14
11
13
12
15
2
3
4
5
6
7
10
DI
Do
CLK
LD
Ao2
Serial data input terminal to input 12-bit long serial data
When H-level signal is input to this terminal.The value stored in 12-bit shift register is loaded
in decoder and D-A converter output register
D-A converter lower reference voltage input terminal
Ao3
8-bit D-A converter output terminal
Terminal to output MSB data of 12-bit shift register
Shift clock input terminal.Input signal at DI pin is input to 12-bit shift register at rise of shift clock pulse
Power supply terminal
9
16
8
1
GND terminal
GND
VDD
VCC
VSS
Ao4
Ao5
Ao6
Ao7
Ao8
Ao1
D-A converter upper reference voltage input terminal
BLOCK DIAGRAM FOR EXPLANATION OF TERMINALS
16
VDD
9
8
15
10
1
GND
Vcc
(VrefU)
Vss
(VrefL)
Ao1
Ao8
12-BIT SHIFT REGISTER
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
ADDRESS DECODER
8-BIT
LATCH
............
8-BIT
LATCH
............
.............................................8
..............................................
...................................................................................................
4
3
2
1
D7
D0
D7
D0
8
8
-
-
11
12
Do
LD
14
13
DI
CLK
8-BIT
R-2R + SEGMENT
D-A CONVERTER
8-BIT
R-2R + SEGMENT
D-A CONVERTER
5 6 7
8
1


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62393P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62353P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62399P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62370GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62371GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn