Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62367GP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M62367GP
Description  3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62367GP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62367GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
3
DIGITAL DATA FORMAT
D0
D1
D2
D3
D4
D5
D6
D-A output
0
1
0
1
0
0
0
1
1
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
(VrefU-VrefL) / 256 X 1 +VrefL
D8
D9
D10
D11
DAC selection
0
0
0
0
0
0
1
1
0
1
1
0
0
0
0
1
1
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Don‘t care
Ao1 selection
Ao2
Ao3
Ao4
Ao5
Ao6
Ao7
Ao8
Don't care
Don't care
Don't care
(VrefU-VrefL) / 256 X 2 +VrefL
(VrefU-VrefL) / 256 X 3 +VrefL
(VrefU-VrefL) / 256 X 4 +VrefL
(VrefU-VrefL) / 256 X 255 +VrefL
TIMING CHART (MODEL)
LD
D-A
OUTPUT
CLK
DI
D11
D10
D9
MSB
D2
LSB
LAST
LSB
FIRST
MSB
DAC SELECT DATA
DAC DATA
D7
0
0
0
0
1
1
1
1
1
1
1
1
1
VrefU
VrefU=VDD
VrefL=Vss
*
D8
D0
D1
Don't care
Don't care
Don't care
Don't care


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62393P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62353P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62399P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62370GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62371GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS  1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn