Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1249-001 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMV1249-001
Description  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1249-001 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMV1249-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1249-001 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2–6
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
Low Series Resistance Abrupt Junction Varactors
Reverse Breakdown Voltage, VBR (10 µA):
12V Min.
Reverse Current, IR (10V):
50 nA Max.
CT
@ 1.0V
CT
@4 0V
Rs
@ 3V
50 MHz
@ 1.0V
(pF)
@ 4.0V
(pF)
50 MHz
(
W)
SOD–323
SOT– 23
SOT–143
Min.
Max.
Min.
Max.
Max.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
17.4
20.0
10.0
12.1
0.25
SMV1493–011
36.3
41.7
20.7
25.3
0.20
SMV1494–011
" All plastic packaged varactors are available through distribution.
Plastic Packaged Surface Mount Varactor Diodes


Similar Part No. - SMV1249-001

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1249-001 ALPHA-SMV1249-001 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1249-001 SKYWORKS-SMV1249-001 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1249-001LF SKYWORKS-SMV1249-001LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

Similar Description - SMV1249-001

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com