Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T73227 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. T73227
Description  27 MHz VCXO Clock Generator IC
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

T73227 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
October 2002
2
10.29.02
ISO9001
T73227
27 MHz VCXO Clock Generator IC
Table 1: Pin Descriptions
PIN
TYPE
NAME
DESCRIPTION
1
Xi
X1
Crystal Connection. Connect to a 27 MHz Pullable Crystal
2
P
VDD1
Core VDD. Connect to 3.3V
3
I
VIN
Voltage input to VCXO. Zero to 3.3V Signal Controls the Frequency of the
VCXO.
4
P
GND2
Connect to Ground.
5
O
CLK
Clock Output
6
P
VDD2
Pad Driver VDD . Connect to 3.3V
7
P
GND1
Connect to Ground.
8
Xi
X2
Crystal Connection. Connect to a 27 MHz pullable crystal.
Legend: I = Input
O = Output
P = Power supply connection
Xi = Crystal connections.
1
2
3
4
8
7
6
5
X1
VDD1
VIN
GND2
X2
GND1
VDD2
CLK
8-pin SOIC/MSOP


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn