Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB717F Datasheet(PDF) 1 Page - Rohm

Part # RB717F
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB717F Datasheet(HTML) 1 Page - Rohm

  RB717F Datasheet HTML 1Page - Rohm RB717F Datasheet HTML 2Page - Rohm RB717F Datasheet HTML 3Page - Rohm RB717F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB717F
Diodes
Rev.B
1/3
Schottky barrier diode
RB717F
Applications
Low current rectification
Features
1) Small mold type. (UMD3)
2) Low VF
3) High reliability.
Construction
Silicon epitaxial planar
External dimensions (Unit : mm)
Land size figure (Unit : mm)
UMD3
0.65
1.3
0.8MIN
Structure
ROHM : UMD3
JEITA : SC-70
JEDEC : SOT-323
dot (year week factory)
2.0±0.2
0.3±0.1
各リードとも
同寸法
(3)
1.3±0.1
(0.65)
(0.65)
(2)
(1)
0.15±0.05
0.9±0.1
0.7±0.1
0~0.1
Each lead has same dimension
Taping specifications (Unit : mm)
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ0.5±0.05
2.25±0.1
     0
1.25±0.1
0.3±0.1
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
Io
mA
IFSM
mA
Tj
Tstg
Parameter
Electrical characteristics (Ta=25
°C)
Reevrse voltage (DC)
verage rectifoed forward current
(*1)
everse voltage (repetitive peak)
-40 to +125
Limits
40
30
40
ward current surge peak (60Hz・1cyc)(*1)
200
ion temperature
torage temperature
*1) Rating of per diode
125
A
R
For
Junct
S
(
Symbol
Min.
Typ.
Max.
Unit
VF
--
0.37
V
IF=1mA
IR
--
1
µA
VR=10V
Ct
-
2.0
-
pF
VR=1V,f=1MHz
Conditions
Capacitance between terminals
everse current
Parameter
ward voltage
R
For


Similar Part No. - RB717F

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
RB717F TEL-RB717F Datasheet
64Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
RB717F BILIN-RB717F Datasheet
287Kb / 3P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
RB717F KEXIN-RB717F Datasheet
42Kb / 1P
   Schottky barrier diode
logo
SHIKUES Electronics
RB717F SKTECHNOLGY-RB717F Datasheet
248Kb / 1P
   30 mA Schottky Barrier Diode 40 Volts
logo
Rohm
RB717F ROHM-RB717F Datasheet
170Kb / 4P
   Schottky barrier diode
More results

Similar Description - RB717F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com