Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA615IDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA615IDRG4
Description  Wide-Bandwidth, DC Restoration Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA615IDRG4 Datasheet HTML 6Page - Texas Instruments OPA615IDRG4 Datasheet HTML 7Page - Texas Instruments OPA615IDRG4 Datasheet HTML 8Page - Texas Instruments OPA615IDRG4 Datasheet HTML 9Page - Texas Instruments OPA615IDRG4 Datasheet HTML 10Page - Texas Instruments OPA615IDRG4 Datasheet HTML 11Page - Texas Instruments OPA615IDRG4 Datasheet HTML 12Page - Texas Instruments OPA615IDRG4 Datasheet HTML 13Page - Texas Instruments OPA615IDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
1.3
1.2
1.1
1.0
0.9
0.8
Input Voltage (mV)
0
400
600
200
800
1000
1200
VOD
100
100
V
OD
GND
SOTA
VOD
Negative
Positive
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Temperature (
_C)
−40
−20
120
0
20
40
60
80
100
Falling Edge
Rising Edge
10
5
0
−5
−10
Time (10ns/div)
100
100
TTL
50
V
OUT
ON −OFF
OFF −ON
1.4
1.3
1.2
1.1
1.0
0.9
0.8
Rise Time (ns)
0
3
4
5
1
2
6
7
8
9
10
Positive
Negative
V
IN = 1.2Vpp
−0.6V
+0.6V
0V
150
100
50
0
−50
−100
−150
Time (10ns/div)
2.5
2.0
1.5
1.0
0.5
0
−50
6
3
0
−3
−6
−9
−12
−15
Frequency (Hz)
1M
10M
100M
2G
1G
I
OUT = 0.5mAPP
I
OUT = 4mAPP
I
OUT = 2mAPP
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
SOTA PROPAGATION DELAY vs OVERDRIVE
SOTA PROPAGATION DELAY vs TEMPERATURE
Figure 25.
Figure 26.
SOTA PROPAGATION DELAY vs SLEW RATE
SOTA SWITCHING TRANSIENTS
Figure 27.
Figure 28.
SOTA HOLD COMMAND DELAY TIME
SOTA BANDWIDTH vs OUTPUT CURRENT SWING
Figure 29.
Figure 30.
10


Similar Part No. - OPA615IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600BM BURR-BROWN-OPA600BM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600CM BURR-BROWN-OPA600CM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600SM BURR-BROWN-OPA600SM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600TM BURR-BROWN-OPA600TM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA615IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com