Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA615IDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615IDR
Description  Wide-Bandwidth, DC Restoration Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDR Datasheet(HTML) 2 Page - Texas Instruments

  OPA615IDR Datasheet HTML 1Page - Texas Instruments OPA615IDR Datasheet HTML 2Page - Texas Instruments OPA615IDR Datasheet HTML 3Page - Texas Instruments OPA615IDR Datasheet HTML 4Page - Texas Instruments OPA615IDR Datasheet HTML 5Page - Texas Instruments OPA615IDR Datasheet HTML 6Page - Texas Instruments OPA615IDR Datasheet HTML 7Page - Texas Instruments OPA615IDR Datasheet HTML 8Page - Texas Instruments OPA615IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
ORDERING NUMBER
QUANTITY
OPA615ID
Rails, 50
OPA615
SO-14
D
–40
°C to +85°C
OPA615ID
OPA615IDR
Tape and Reel, 2500
OPA615IDGST
Tape and Reel, 250
OPA615
MSOP-10(2)
DGS
–40
°C to +85°C
BJT
OPA615IDGSR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Available Q1 2006.
Supply Voltage
±6.5V
Differential Input Voltage
±V
S
Common-Mode Input Voltage Range
±V
S
Hold Control Pin Voltage
–VS → +VS
Storage Temperature Range
–40
°C to +125°C
Lead Temperature (10s soldering)
+260
°C
Junction Temperature (TJ)
+150
°C
ESD Ratings:
Human Body Model (HBM)(2)
1000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
150V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Pin 2 for the SO-14 package and pin 1 for the MSOP-10 package > 500V HBM.
2


Similar Part No. - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600BM BURR-BROWN-OPA600BM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600CM BURR-BROWN-OPA600CM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600SM BURR-BROWN-OPA600SM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600TM BURR-BROWN-OPA600TM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com