Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA615IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615IDR
Description  Wide-Bandwidth, DC Restoration Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA615IDR Datasheet HTML 5Page - Texas Instruments OPA615IDR Datasheet HTML 6Page - Texas Instruments OPA615IDR Datasheet HTML 7Page - Texas Instruments OPA615IDR Datasheet HTML 8Page - Texas Instruments OPA615IDR Datasheet HTML 9Page - Texas Instruments OPA615IDR Datasheet HTML 10Page - Texas Instruments OPA615IDR Datasheet HTML 11Page - Texas Instruments OPA615IDR Datasheet HTML 12Page - Texas Instruments OPA615IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
SOTA (Sampling Operational Transconductance Amplifier)
40
30
20
10
0
Frequency (Hz)
1M
10M
100M
1G
V
IN
50
I
O UT
+5V
SOTA
Hold Control
50
V
IN = 10mVPP
40
30
20
10
0
Quiescent Current (mA)
8
9
10
11
12
13
14
15
R
Q Adjusted
45
40
35
30
25
20
15
10
5
0
Input Voltage (mV)
−100 −80 −60 −40 −20
0
20
40
60
80
100
Small−Signal Around Input Voltage
8
6
4
2
0
−2
−4
−6
−8
SOTA Input Voltage (mV)
−200 −150 −100
−50
0
50
100
150
200
150
100
50
0
−50
−100
−150
Time (10ns/div)
f
IN = 20MHz
R
L = 50Ω
I
OUT = 4mAPP
t
RISE = 2ns
Hold Control = +5V
150
100
50
0
−50
−100
−150
Time (10ns/div)
f
IN = 20MHz
R
L = 50Ω
I
OUT = 4mAPP
t
RISE = 10ns
Hold Control = +5V
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
SOTA TRANSCONDUCTANCE vs FREQUENCY
SOTA TRANSCONDUCTANCE vs QUIESCENT CURRENT
Figure 19.
Figure 20.
SOTA TRANSCONDUCTANCE vs INPUT VOLTAGE
SOTA TRANSFER CHARACTERISTICS
Figure 21.
Figure 22.
SOTA PULSE RESPONSE
SOTA PULSE RESPONSE
Figure 23.
Figure 24.
9


Similar Part No. - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600BM BURR-BROWN-OPA600BM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600CM BURR-BROWN-OPA600CM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600SM BURR-BROWN-OPA600SM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600TM BURR-BROWN-OPA600TM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com