Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA615IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615IDR
Description  Wide-Bandwidth, DC Restoration Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615IDR Datasheet(HTML) 5 Page - Texas Instruments

  OPA615IDR Datasheet HTML 1Page - Texas Instruments OPA615IDR Datasheet HTML 2Page - Texas Instruments OPA615IDR Datasheet HTML 3Page - Texas Instruments OPA615IDR Datasheet HTML 4Page - Texas Instruments OPA615IDR Datasheet HTML 5Page - Texas Instruments OPA615IDR Datasheet HTML 6Page - Texas Instruments OPA615IDR Datasheet HTML 7Page - Texas Instruments OPA615IDR Datasheet HTML 8Page - Texas Instruments OPA615IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
ELECTRICAL CHARACTERISTICS: V
S = ±5V (continued)
R
L = 100Ω, RQ = 300Ω, and RIN = 50Ω, unless otherwise noted.
OPA615ID, OPA615IDGS
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL(1)
DC Performance
Input Bias Current
S/H In+ = S/H In– = 0V
±1
±3
±3.5
±4.0
µA
max
A
Output Offset Current
S/H In+ = S/H In– = 0V, Track Mode
±10
±50
±70
±80
µA
max
A
Input Impedance
S/H In+ and S/H In–
200 || 1.2
k
Ω || pF
typ
C
Input Differential Voltage Range
S/H In+ – S/H In–
±3.0
V
typ
C
Input Common-Mode Voltage Range
S/H In+ and S/H In–
±3.2
V
typ
C
Common-Mode Rejection Ratio (CMRR)
±2
±50
±55
±60
µA/V
max
A
Output Voltage Compliance
CHOLD Pin
±3.5
V
typ
C
Output Current
CHOLD Pin
±5
±3
±2.5
±2.0
mA
min
A
Output Impedance
CHOLD Pin
0.5 || 1.2
M
Ω || pF
typ
C
Transconductance
S/H In+ – S/H In– to CHOLD Current
35
21
20
19
mA/V
min
A
VIN = 300mVPP
Minimum Hold Logic High Voltage
Tracking High
2
2
2
V
max
A
Maximum Hold Logic Low Voltage
Holding Low
0.8
0.8
0.8
V
min
A
Logic High Input Current
VHOLD = +5V
±0.5
±1
±1
±1.2
µA
max
A
Logic Low Input Current
VHOLD = 0V
140
200
220
230
µA
max
A
Comparator Power-Supply Rejection
S/H In+ = S/H In– = 0V, Track Mode
±2
±50
±55
±60
µA/V
max
A
Ratio (PSRR)
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±4
±4
±4
V
min
B
Maximum Operating Voltage
±6.2
±6.2
±6.2
V
max
A
Maximum Quiescent Current
RQ = 300Ω(4)
13
14
16
17
mA
max
A
Minimum Quiescent Current
RQ = 300Ω(4)
13
12
11
9
mA
min
A
THERMAL CHARACTERISTICS
Specified Operating Range D Package
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
Junction-to-Ambient
DGS
MSOP-10
150
°C/W
typ
C
D
SO-14
100
°C/W
typ
C
(4)
SO-14 package only.
5


Similar Part No. - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600BM BURR-BROWN-OPA600BM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600CM BURR-BROWN-OPA600CM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600SM BURR-BROWN-OPA600SM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
OPA600TM BURR-BROWN-OPA600TM Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA615IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC615 BURR-BROWN-SHC615 Datasheet
299Kb / 19P
   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Texas Instruments
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com