Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL7101S Datasheet(PDF) 1 Page - Integral Corp.

Part # IL7101S
Description  GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL7101S Datasheet(HTML) 1 Page - Integral Corp.

  IL7101S Datasheet HTML 1Page - Integral Corp. IL7101S Datasheet HTML 2Page - Integral Corp. IL7101S Datasheet HTML 3Page - Integral Corp. IL7101S Datasheet HTML 4Page - Integral Corp. IL7101S Datasheet HTML 5Page - Integral Corp. IL7101S Datasheet HTML 6Page - Integral Corp. IL7101S Datasheet HTML 7Page - Integral Corp. IL7101S Datasheet HTML 8Page - Integral Corp. IL7101S Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IL7101
GROUND FAULT INTERRUPTER EARTH
IL7101
LEAKAGE CURRENT DETECTOR
Description
The IL7101N/D is designed for use in earth leakage circuit interrupters for
operation directly off the AC Line in breakers.
It contains pre regulator, main regulator, after regulator, differential
amplifier, level comparator, latch circuit. The input in the differential amp
latch circuit. The input in the differential amplifier is connect to the
secondary node of zero current transformer.
The level comparator generates high level when earth leakage current is
greater than some level.
Feature
• Low Power Consumption (PD=5mW) 100V/200V
• 100V/200V Common Built-in Voltage Regulator
• High Gain Differential Amplifier
• High Input Sensitivity
• Minimum External Parts
ORDERING INFORMATION
• Large Surge Margin
IL7101N Plastic
• Wide Operating Temperature Range (TА= -40 to 85°C)
IL7101D SOIC
• High Noise Immunity
IL7101S SIP-8
• Meet U. L. 943 standards
TA = -40° to 85° C for all packages.
Absolute Maximum Ratings
Supply Voltage
20V
Supply Current
8mA
200m W
- 40 to 85°C
- 55 to 125°C
Power Dissipation
Operating Temperature
Storage Temperature
Pin Configuration
(Top View)
VR
IN
GND
V+
OS
NR
OD
SC
1
2
3
4
8
7
6
5
VR
IN
GND
V+
OS
NR
OD
SC
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
VR
IN
GND
V+
Os
NR
OD
Sc
1
2
3
4
8
7
6
5


Similar Part No. - IL7101S

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL7101S IKSEMICON-IL7101S Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
More results

Similar Description - IL7101S

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7104 IKSEMICON-IK7104 Datasheet
1Mb / 12P
   Ground Fault Interrupter Earth Leakage Current Detector
IL7101N IKSEMICON-IL7101N_16 Datasheet
901Kb / 8P
   Ground Fault Interrupter Earth Leakage Current Detector
IL7101 IKSEMICON-IL7101 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
IL54123 IKSEMICON-IL54123_16 Datasheet
598Kb / 8P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
KODENSHI_AUK CORP.
KK54123 KODENSHI-KK54123 Datasheet
373Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
Integral Corp.
IL54123 INTEGRAL-IL54123 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
IK Semicon Co., Ltd
IL54123 IKSEMICON-IL54123 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
KODENSHI_AUK CORP.
KK7101 KODENSHI-KK7101 Datasheet
344Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com