Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3196 Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM3196
Description  2A Sink/Source DDR-I, -II Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3196 Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM3196 Datasheet HTML 5Page - California Micro Devices Corp CM3196 Datasheet HTML 6Page - California Micro Devices Corp CM3196 Datasheet HTML 7Page - California Micro Devices Corp CM3196 Datasheet HTML 8Page - California Micro Devices Corp CM3196 Datasheet HTML 9Page - California Micro Devices Corp CM3196 Datasheet HTML 10Page - California Micro Devices Corp CM3196 Datasheet HTML 11Page - California Micro Devices Corp CM3196 Datasheet HTML 12Page - California Micro Devices Corp CM3196 Datasheet HTML 13Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
11
CM3196
Application Information
PCB Layout Considerations
The CM3196-12SB has a heat spreader attached to
the underneath of the PSOP-8 package in order for
heat to be transferred easily from the package to the
PCB. The heat spreader is a copper pad of dimensions
just smaller than the package itself. By positioning the
matching pad on the PCB top layer to connect to the
spreader during manufacturing, the heat will be trans-
ferred between the two pads. The drawing below
shows the recommended PCB layout. Note that there
are six vias on either side to allow the heat to dissipate
into the ground and power planes on the inner layers of
the PCB. Vias can be placed underneath the chip, but
this can cause blockage of the solder. The ground and
power planes should be at least 2 sq. in. of copper
adjacent to the vias. It also helps if the chip is posi-
tioned away from the edge of the PCB, and not near
other heat dissipating devices. A good thermal link
from the PCB pad to the rest of the PCB will properly
couple the CM3196 package to maintain an ambient
junction temperature (
θ
JA) of around 40°C/W.
Figure 15. Recommended Heat Sink PCB Layout
Figure 16. Typical Application Circuit
AVIN
VDDQ
CAVIN
47
µF
SD
VDDQ
PVIN
GND
VTT
CVout
220
µF
VTT
VSENSE
VREF
VREF
CVREF
0.1
µF
SD
AVIN
PVIN
CPVIN
47
µF


Similar Part No. - CM3196

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM31 CML-CM31 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM31 VCC-CM31 Datasheet
27Kb / 1P
   Base
logo
Lumberg
CM31-01 LUMBERG-CM31-01 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM31-03 LUMBERG-CM31-03 Datasheet
374Kb / 3P
   Tools and harnessing machines
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
More results

Similar Description - CM3196

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com