Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM1800 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # IM1800
Description  Transceiver Interface Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

IM1800 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  IM1800 Datasheet HTML 1Page - RF Monolithics, Inc IM1800 Datasheet HTML 2Page - RF Monolithics, Inc IM1800 Datasheet HTML 3Page - RF Monolithics, Inc IM1800 Datasheet HTML 4Page - RF Monolithics, Inc IM1800 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IM1800 Applications
The IM1800 is a companion interface board for the
DM1800 series transceiver modules. It has two uses:
First, the IM1800 can be used as a general purpose in-
terface for DM1800 series transceiver modules. For this
application, the IM1800 provides a captured screw I/O
terminal block, a virtual serial port USB interface, and a
choice of USB, coaxial plug or terminal block for the DC
power supply input. For DM1800 base stations and field
nodes, the IM1800 supports serial communications
through the virtual serial port USB interface, or by direct
connection to the USART on the DM1800 module.
Second, the IM1800 can be used as a development
platform for applications where a DM1800 series trans-
ceiver will be installed a customer’s board. In addition to
the features listed above, the IM1800 provides a con-
nector strip for jumpering a flat cable to a customer’s
board (or for a logic analyzer/oscilloscope connection),
and a “bread board” area for building and testing inter-
face circuits.
Power Supply Options
The IM1800 will accepts an external DC power supply
voltage in the range of 2.6 to 14 V (3.1 to 14 V for ex-
tended temperature operation). This voltage is routed to
the 3 Vdc regulator on the DM1800 transceiver (see
description of J2-3 on Page 3 for VOUT characteristics).
The external power supply voltage can be connected to
VIN on terminal block J2 or to the coaxial power con-
nector J6. The IM1800 can also be powered from the
USB connector J1. When the IM1800 is powered from
the USB connector, no connection should be made to
the VIN terminal on terminal block J2 or to the coaxial
power connector J6.
Serial Port Options
The IM1800 provides direct connections to the DM1800
transceiver module USART on terminal block J2. Note
that the DM1800 USART I/O is 3 V CMOS logic. Alter-
nately, the serial port on a DM1800 can be interfaced
through the serial port-USB bridge IC on the IM1800.
Only one interface should be used at a time; the other
serial interface should remain unconnected. The
IM1800 virtual serial port USB interface is based on the
Silicon Labs CP2101 IC. The CP2101 drivers can be
downloaded from www.silabs.com. After the correct
driver has been installed on a host PC, the USB inter-
face will appear as a serial port.
Bread Boarding Area
Referring to Figure 1, the IM1800 bread boarding area
is supplied with ground connections on eyelet Row 10
(vertical row of eyelets on right side), VOUT on eyelet
Row 3, and VIN on eyelet Row 2. VOUT and the I/O
signals from the DM1800 are also provided in two loca-
tions on Row 1. Refer to the table on Pages 3 and 4 for
details. Note that the DM1800 can provide up to 10 mA
for supplying external circuitry. Additional power can be
provided by addinga3V regulator in the bread board-
ing area and running it from VIN. Take caution not to
operate circuitry from VIN that directly interfaces the
DM1800 I/O signals to avoid damaging the DM1800
and/or IM1800. Note that any components placed on
the bread boarding area directly under where the
DM1800 module plugs in must be no taller than 0.1
inch.
I/O and Power Supply Precautions
Note that all analog and digital input signals must be
within the range of 0 to VOUT. Applying a signal outside
of this range may damage the DM1800 and/or IM1800.
External DC power supplies must be in the range of 2.6
to 14 V. Suitable external power supplies include batter-
ies and transformer isolated, regulated DC power sup-
plies. Be cautious when using unregulated “wall
transformer” DC supplies. The output voltage of these
unregulated supplies can be much higher than the
nameplate value when powering low current loads.
Note: the IM1800 is equipped with a programming con-
nector compatible with a Microchip MPLAB® ICD 2. Ex-
cept in special circumstances, however, all DM1800
transceiver modules are shipped pre-programmed. Re-
programming a pre-programmed DM1800 transceiver
module will void the warranty and any regulatory certifi-
cations of the module.
2


Similar Part No. - IM1800

ManufacturerPart #DatasheetDescription
logo
SICK AG
IM18-05B-N-ZW0 SICK-IM18-05B-N-ZW0 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IM18-05BUO-ZU0 SICK-IM18-05BUO-ZU0 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IM18-05BUS-ZU0 SICK-IM18-05BUS-ZU0 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IM18-05BUS-ZUB SICK-IM18-05BUS-ZUB Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IM18-08N-N-ZW0 SICK-IM18-08N-N-ZW0 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IM1800

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TM531DSA1 PULSE-TM531DSA1 Datasheet
833Kb / 12P
   Fibre Channel transceiver line interface module
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
   High Speed Serial Transceiver Line Interface Module
TM1062TXDUA PULSE-TM1062TXDUA Datasheet
590Kb / 3P
   IEEE 1394B Firewire 1.062Gb Transceiver Line Interface Module
TM1062DUXB PULSE-TM1062DUXB Datasheet
652Kb / 4P
   IEEE 1394B Firewire 1.062Gb Transceiver Line Interface Module
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
Pepperl+Fuchs Inc.
VLX-F231-B25 PF-VLX-F231-B25 Datasheet
717Kb / 3P
   Interface module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com