Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HO1080 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # HO1080
Description  1030.0 MHz SAW Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

HO1080 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  HO1080 Datasheet HTML 1Page - RF Monolithics, Inc HO1080 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1030.0 MHz
SAW Oscillator
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
HO1080-111201
DIP16-8
Metal Dual-Inline Package with 8 leads in a 16-lead DIP configuration
Dimension
mm
Inches
MIN
MAX
MIN
MAX
A
25.02
0.985
B
12.83
0.505
C
6.35
0.250
D
0.40
0.51
0.016
0.020
E
0.64 Nominal
0.025 Nominal
F
7.62 Nominal
0.300 Nominal
G
2.54 Nominal
0.100 Nominal
H
17.78 Nominal
0.700 Nominal
K
3,39
6.73
0.130
0.265
L
1.30
0.051
M
11.18
0.440
N
22.60
0.890
R
1.75
2.26
0.069
0.089
Top View
Bottom View
D
(8 Places)
B
M
A
N
E
Pin 1 Mark
(Optional)
(4 Places)
L
C
K
F
R
(3 Places)
H
G
(4 Places)
1
2
7
8
9
10
15
16


Similar Part No. - HO1080

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HO1080-3 MURATA-HO1080-3 Datasheet
482Kb / 2P
   1030.0 MHz SAW Oscillator
More results

Similar Description - HO1080

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
   1030.0 MHz SAW Oscillator
HO1080-3 MURATA-HO1080-3 Datasheet
482Kb / 2P
   1030.0 MHz SAW Oscillator
logo
RF Monolithics, Inc
HO1078 RFM-HO1078 Datasheet
80Kb / 2P
   1030.0 MHz SAW Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TD1030EE-B TAI-SAW-TD1030EE-B Datasheet
259Kb / 4P
   SAW Resonator 1030.0 MHz
logo
Oscilent Corporation
803-RF1030.0M-A OSCILENT-803-RF1030.0M-A Datasheet
308Kb / 3P
   1030.0 MHz RF SAW Filter
logo
RF Monolithics, Inc
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
   1000.0 MHz SAW Oscillator
logo
Murata Manufacturing Co...
HO1091 MURATA-HO1091 Datasheet
485Kb / 2P
   1090.0 MHz SAW Oscillator
HO4002-1 MURATA-HO4002-1 Datasheet
70Kb / 2P
   400.0 MHz SAW Oscillator
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
   915.0 MHz SAW Oscillator
HO1324 RFM-HO1324 Datasheet
80Kb / 2P
   640.0 MHz SAW Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com