Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62366GP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62366GP
Description  3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62366GP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62366GP
MITSUBISHI<Dig.Ana.INTERFACE>
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
4
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Unit
Supply voltage
-0.3~+7.0
VDD
Input voltage
Parameter
Conditions
-0.3~VCC+0.3
Topr
Operating temperature
Output voltage
V
V
Analog part(VCC,VrefU=+3V±10%, VCC
≥VrefU,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
mA
°C
°C
-0.3~VCC+0.3
-20~+85
-55~+150
Vcc
Upper reference voltage of D-A converter
-0.3~+7.0
V
VIN
Vo
Power dissipation
IrefU
Current dissipation
D-A converter upper reference
voltage range
mW
150
Tstg
Storage tempareture
LSB
Co
VAO
Buffer amplifier output driver voltage
range
Buffer amplifier output voltage
range
Differential nonlinearity error
VrefU
VrefU=3V,VrefL=0V
Data condition:maximum current
Upper saturation voltage=0.4V
Lower saturation voltage=0.4V
1.4
ELECTRICAL CHARACTERISTICS
Digital part(VCC,VrefU=+3V±10%, VCC
≥VrefU,GND,VrefL=0V,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
VCC
Supply voltage
VIH
IILK
VIL
VOL
Input leak current
Input low voltage
Output low voltage
Output high voltage
µA
2.7
VOH
3.6
10
0.4
-10
Input high voltage
V
V
V
V
3.0
0.2VCC
0.8VCC
VCC-0.4
IOL=2.5mA
IOH=-400µA
VIN=0~VCC
Ro
Buffer amplifier output impedance
LSB
Pd
mA
3.5
Icc
Circuit current
V
CLK=1MHz operation,Vcc=3V,IAO=0µA
Note:The standard values are obtaind at Ta=25°C
2.5
Reference voltage can not always be set to
any value in this range,because it is restricted
to the buffer amplifier output voltage range
0.7Vcc
Vcc
V
VrefL
D-A converter lower reference
voltage range
GND
0.3Vcc
V
0.1
Vcc-0.1
Vcc-0.2
0.2
IAO=±100µA
IAO=+500µA
-200µA
V
IAO
-0.3
1
mA
SDL
SL
SZERO
SFULL
Nonlinearity error
Zero code error
Full scale error
Output capacitative load
Vcc=2.760V
VrefU=2.610V
VrefL=0.050V(10mV/LSB)
Without load(IAO=±0)
0.1
5
-1.0
-1.5
-2
-2
1.0
1.5
2
2
LSB
LSB
µF


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62352P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62358P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62368GP3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62370GP3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62361FP8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62364FP8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62352AGP8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn