Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB095T-60 Datasheet(PDF) 1 Page - Rohm

Part # RB095T-60
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB095T-60 Datasheet(HTML) 1 Page - Rohm

  RB095T-60 Datasheet HTML 1Page - Rohm RB095T-60 Datasheet HTML 2Page - Rohm RB095T-60 Datasheet HTML 3Page - Rohm RB095T-60 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB095T-60
Diodes
Rev.B
1/3
Schottky barrier diode
RB095T-60
Symbol
Unit
VRM
V
V
R
60
R
V
Io
A
IFSM
A
Tj
Tstg
Storage temperature
-40 to +150
(*1)Tc=100℃max per chip : Io/2
Forward current surge peak (60Hz・1cyc)
100
Average rectified forward current (*1)
150
everse voltage (DC)
Average rectified forward current (*1)
6
Parameter
Limits
Reverse voltage (repetitive)
60
Applications
External dimensions
(Unit : mm)
Structure
Switching power supply
ROHM : TO220FN
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
Features
1) Cathode common type.
(TO-220)
2) Low IR
3) High reliability
Construction
Silicon epitaxial planar
Absolute maximum ratings
(Ta=25
°C)
Electrical characteristic
(Ta=25
°C)
For
R
Symbol
Min.
Typ.
Max.
Unit
ward voltage
VF
-
-
0.58
V
IF=3A
everse current
IR
-
-
300
µA
VR=60V
Thermal impedance
θjc
-
-
3.0
/W
junction to case
Conditions
Parameter


Similar Part No. - RB095T-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB095T-60 ROHM-RB095T-60 Datasheet
326Kb / 4P
   Schottky barrier diode
RB095T-60 ROHM-RB095T-60 Datasheet
995Kb / 4P
   Schottky barrier diode
RB095T-60NZ ROHM-RB095T-60NZ Datasheet
824Kb / 8P
   Schottky Barrier Diode
RB095T-60 ROHM-RB095T-60_10 Datasheet
326Kb / 4P
   Schottky barrier diode
RB095T-60 ROHM-RB095T-60_11 Datasheet
995Kb / 4P
   Schottky barrier diode
More results

Similar Description - RB095T-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com