Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M6NPP-A1A2N-R/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part No. M6NPP-A1A2N-R/Q
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSYSTEM [M-System Co.,Ltd.]
Homepage  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPP-A1A2N-R/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M6NPP-A1A2N-R/Q Datasheet HTML 1Page - M-System Co.,Ltd. M6NPP-A1A2N-R/Q Datasheet HTML 2Page - M-System Co.,Ltd. M6NPP-A1A2N-R/Q Datasheet HTML 3Page - M-System Co.,Ltd. M6NPP-A1A2N-R/Q Datasheet HTML 4Page - M-System Co.,Ltd. M6NPP-A1A2N-R/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M6NPP
M6NPP SPECIFICATIONS
ES-7919 Rev.6 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
Waveform
Shaper
Output
Driver
4
5
12 V Supply
+
INPUT
1
3
2
+
SENSOR EXCITATION
Timer
*
* Low freq. open collector output only.
■ Mechanical Contact or Open Collector
Input Connection Examples
■ Voltage Pulse
+12V
■ Open Collector
Output Connection Examples
+
5
6
+
■ Voltage Pulse
+
5
6
+
+
+
PWR
+
+
PWR
+
1
2
+ 3
+
1
2
+ 3
POWER
LED
INPUT MONITOR LED
■ 2-Wire Current Pulse
External DC Supply
+
2-WIRE
PICK-UP
1
2
3
+
2-WIRE
PICK-UP
1
2
3
DC SUPPLY
+
+
Built-in Excitation
+
OUTPUT
6
POWER
7
8
+
POWER
200 Ω
+12V
5 kΩ
+12V
200 Ω
+12V
Specifications are subject to change without notice.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn