Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1K0901E7 Datasheet(PDF) 1 Page - Schneider Electric

Part # LC1K0901E7
Description  TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 48 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0901E7 Datasheet(HTML) 1 Page - Schneider Electric

  LC1K0901E7 Datasheet HTML 1Page - Schneider Electric LC1K0901E7 Datasheet HTML 2Page - Schneider Electric LC1K0901E7 Datasheet HTML 3Page - Schneider Electric LC1K0901E7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1K0901E7
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1
NC aux. - 48 V AC coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 75.00 USD
Main
Range
TeSys
Product or component type
Contactor
Product name
TeSys K
Device short name
LC1K
Device application
Control
Contactor application
Resistive load
Motor control
Complementary
Utilisation category
AC-4
AC-3
AC-1
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: 690 V AC 50/60 Hz
Signalling circuit: <= 690 V AC 50/60 Hz
[Ie] rated operational current
20 A 122 °F (50 °C)) <= 440 V AC AC-1 power circuit
9 A<= 440 V AC AC-3 power circuit
16 A 158 °F (70 °C)) 690 V AC AC-1 power circuit
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
48 V AC 50/60 Hz
Motor power kW
2.2 kW 220...230 V AC 50/60 Hz AC-3
4 kW 380...415 V AC 50/60 Hz AC-3
4 kW 440 V AC 50/60 Hz AC-3
4 kW 480 V AC 50/60 Hz AC-3
4 kW 500...600 V AC 50/60 Hz AC-3
4 kW 660...690 V AC 50/60 Hz AC-3
2.2 kW 400 V AC 50/60 Hz AC-4
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 27, 2021
1


Similar Part No. - LC1K0901E7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K09017B7 SCHNEIDER-LC1K09017B7 Datasheet
155Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 24 V AC coil
LC1K0901B7 SCHNEIDER-LC1K0901B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 24 V AC coil
LC1K0901D7 SCHNEIDER-LC1K0901D7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 42 V AC coil
LC1K0901F7 SCHNEIDER-LC1K0901F7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 110 V AC coil
LC1K0901G7 SCHNEIDER-LC1K0901G7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 120 V AC coil
More results

Similar Description - LC1K0901E7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K1201E7 SCHNEIDER-LC1K1201E7 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NC aux. - 48 V AC coil
LC1K0601E7 SCHNEIDER-LC1K0601E7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 48 V AC coil
LC1K09017B7 SCHNEIDER-LC1K09017B7 Datasheet
155Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 24 V AC coil
LC1K0901P7 SCHNEIDER-LC1K0901P7 Datasheet
169Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 230 V AC coil
LC1K0901D7 SCHNEIDER-LC1K0901D7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 42 V AC coil
LC1K0901G7 SCHNEIDER-LC1K0901G7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 120 V AC coil
LC1K0901B7 SCHNEIDER-LC1K0901B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 24 V AC coil
LC1K0901F7 SCHNEIDER-LC1K0901F7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 110 V AC coil
LC1K0901T7 SCHNEIDER-LC1K0901T7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 480 V AC coil
LC1K0910E7 SCHNEIDER-LC1K0910E7 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 48 V AC coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com