Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC1K0610B7 Datasheet(PDF) 6 Page - Schneider Electric

Part No. LC1K0610B7
Description  TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V AC coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0610B7 Datasheet(HTML) 6 Page - Schneider Electric

  LC1K0610B7 Datasheet HTML 1Page - Schneider Electric LC1K0610B7 Datasheet HTML 2Page - Schneider Electric LC1K0610B7 Datasheet HTML 3Page - Schneider Electric LC1K0610B7 Datasheet HTML 4Page - Schneider Electric LC1K0610B7 Datasheet HTML 5Page - Schneider Electric LC1K0610B7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product data sheet
Connections and Schema
LC1K0610B7
Wiring
3-Pole Contactors: 3P + N/O
3-Pole Contactors: 3P + N/C
6


Similar Part No. - LC1K0610B7

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K06105B7 SCHNEIDER-LC1K06105B7 Datasheet
171Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V AC coil
LC1K06105F7 SCHNEIDER-LC1K06105F7 Datasheet
157Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 110 V AC coil
LC1K0610E7 SCHNEIDER-LC1K0610E7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 48 V AC coil
LC1K0610F7 SCHNEIDER-LC1K0610F7 Datasheet
179Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 110 V AC coil
LC1K0610F72 SCHNEIDER-LC1K0610F72 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 110 V AC coil
More results

Similar Description - LC1K0610B7

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K06105B7 SCHNEIDER-LC1K06105B7 Datasheet
171Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V AC coil
LC1K0910B7 SCHNEIDER-LC1K0910B7 Datasheet
149Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V AC coil
LC1K09103B7 SCHNEIDER-LC1K09103B7 Datasheet
160Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V AC coil
LC1K1610B7 SCHNEIDER-LC1K1610B7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 16 A - 1 NO aux. - 24 V AC coil
LC1K12105B7 SCHNEIDER-LC1K12105B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 24 V AC coil
LC1K1210B7 SCHNEIDER-LC1K1210B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 24 V AC coil
LP1K0610BD3 SCHNEIDER-LP1K0610BD3 Datasheet
149Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V DC coil
LP1K06103BD SCHNEIDER-LP1K06103BD Datasheet
115Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V DC coil
LP1K06105BD SCHNEIDER-LP1K06105BD Datasheet
145Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 24 V DC coil
LC1K06105F7 SCHNEIDER-LC1K06105F7 Datasheet
157Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 110 V AC coil
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz