Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1K0601P7 Datasheet(PDF) 4 Page - Schneider Electric

Part # LC1K0601P7
Description  TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 230 V AC coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0601P7 Datasheet(HTML) 4 Page - Schneider Electric

  LC1K0601P7 Datasheet HTML 1Page - Schneider Electric LC1K0601P7 Datasheet HTML 2Page - Schneider Electric LC1K0601P7 Datasheet HTML 3Page - Schneider Electric LC1K0601P7 Datasheet HTML 4Page - Schneider Electric LC1K0601P7 Datasheet HTML 5Page - Schneider Electric LC1K0601P7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
4


Similar Part No. - LC1K0601P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K06015B7 SCHNEIDER-LC1K06015B7 Datasheet
173Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 24 V AC coil
LC1K06015F7 SCHNEIDER-LC1K06015F7 Datasheet
171Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
LC1K0601B7 SCHNEIDER-LC1K0601B7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 24 V AC coil
LC1K0601D7 SCHNEIDER-LC1K0601D7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 42 V AC coil
LC1K0601E7 SCHNEIDER-LC1K0601E7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 48 V AC coil
More results

Similar Description - LC1K0601P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC7K0601M7 SCHNEIDER-LC7K0601M7 Datasheet
159Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0601M7 SCHNEIDER-LC1K0601M7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 220...230 V AC coil
LC1K0901P7 SCHNEIDER-LC1K0901P7 Datasheet
169Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 230 V AC coil
LC1K1201P7 SCHNEIDER-LC1K1201P7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NC aux. - 230 V AC coil
LC1K0610P7 SCHNEIDER-LC1K0610P7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 230 V AC coil
LC1K0601D7 SCHNEIDER-LC1K0601D7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 42 V AC coil
LC1K1201M7 SCHNEIDER-LC1K1201M7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NC aux. - 220...230 V AC coil
LC1K0601F7 SCHNEIDER-LC1K0601F7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
LC1K06015F7 SCHNEIDER-LC1K06015F7 Datasheet
171Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
LC1K0601E7 SCHNEIDER-LC1K0601E7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 48 V AC coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com