Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC1K0601P7 Datasheet(PDF) 3 Page - Schneider Electric

Part No. LC1K0601P7
Description  TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 230 V AC coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0601P7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1K0601P7 Datasheet HTML 1Page - Schneider Electric LC1K0601P7 Datasheet HTML 2Page - Schneider Electric LC1K0601P7 Datasheet HTML 3Page - Schneider Electric LC1K0601P7 Datasheet HTML 4Page - Schneider Electric LC1K0601P7 Datasheet HTML 5Page - Schneider Electric LC1K0601P7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Shocks contactor opened, on Y axis: 10 Gn for 11 ms conforming to IEC 60068-2-27
Shocks contactor opened, on Z axis: 10 Gn for 11 ms conforming to IEC 60068-2-27
Vibrations contactor closed: 4 Gn, 5...300 Hz conforming to IEC 60068-2-6
Vibrations contactor opened: 2 Gn, 5...300 Hz conforming to IEC 60068-2-6
Height
2.28 in (58 mm)
Width
1.77 in (45 mm)
Depth
2.24 in (57 mm)
Net weight
0.40 lb(US) (0.18 kg)
Environment
Standards
BS 5424
IEC 60947
NF C 63-110
VDE 0660
Product certifications
UL
CSA
IP degree of protection
IP2x VDE 0106
Protective treatment
TC conforming to IEC 60068
TC conforming to DIN 50016
Ambient air temperature for storage
-58…176 °F (-50…80 °C)
Operating altitude
2000 m without derating
Flame retardance
V1 conforming to UL 94
Requirement 2 conforming to NF F 16-101
Requirement 2 conforming to NF F 16-102
Ordering and shipping details
Category
22326 - CTR,K-LINE,AC,OPEN,NONREV
Discount Schedule
I12
GTIN
03389110363562
Nbr. of units in pkg.
1
Package weight(Lbs)
0.41 lb(US) (0.19 kg)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.89 in (4.8 cm)
Package 1 width
2.44 in (6.2 cm)
Package 1 Length
2.60 in (6.6 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
50
Package 2 Weight
20.72 lb(US) (9.4 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
400
Package 3 Weight
183.73 lb(US) (83.34 kg)
Package 3 Height
17.72 in (45 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn